Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1630 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1630
Description  Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1630 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1630_05 Datasheet HTML 5Page - Maxim Integrated Products MAX1630_05 Datasheet HTML 6Page - Maxim Integrated Products MAX1630_05 Datasheet HTML 7Page - Maxim Integrated Products MAX1630_05 Datasheet HTML 8Page - Maxim Integrated Products MAX1630_05 Datasheet HTML 9Page - Maxim Integrated Products MAX1630_05 Datasheet HTML 10Page - Maxim Integrated Products MAX1630_05 Datasheet HTML 11Page - Maxim Integrated Products MAX1630_05 Datasheet HTML 12Page - Maxim Integrated Products MAX1630_05 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
_______________________________________________________________________________________
9
Input Range
Application
Table 1. Component Selection for Standard 3.3V/5V Application
Table 2. Component Suppliers
4.75V to 18V
PDA
2A
4.75V to 28V
Notebook
3A
4.75V to 24V
Workstation
4A
Frequency
300kHz
1/2 IR IRF7301;
1/2 Siliconix Si9925DQ; or
1/2 Motorola MMDF3N03HD or
MMDF4N01HD (10V max)
300kHz
IR IRF7403 or IRF7401 (18V
max); Siliconix Si4412DY; or
Motorola MMSF5N03HD or
MMSF5N02HD (18V max)
200kHz
IR IRF7413 or
Siliconix Si4410DY
Q1, Q3 High-Side
MOSFETs
Q2, Q4 Low-Side
MOSFETs
1/2 IR IRF7301;
1/2 Siliconix Si9925DQ; or
1/2 Motorola MMDF3N03HD or
MMDF4N01HD (10V max)
10µF, 30V Sanyo OS-CON;
22µF, 35V AVX TPS; or
Sprague 594D
IR IRF7403 or IRF7401 (18V
max); Siliconix Si4412DY; or
Motorola MMSF5N03HD or
MMSF5N02HD (18V max)
2 x 10µF, 30V Sanyo OS-CON;
2 x 22µF, 35V AVX TPS; or
Sprague 594D
IR IRF7413 or
Siliconix Si4410DY
3 x 10µF, 30V Sanyo OS-CON;
4 x 22µF, 35V AVX TPS; or
Sprague 595D
C1, C2 Output Capacitors
220µF, 10V AVX TPS or
Sprague 595D
0.033
Ω IRC LR2010-01-R033 or
Dale WSL2010-R033-F
2 x 220µF, 10V AVX TPS or
Sprague 595D
0.02
Ω IRC LR2010-01-R020 or
Dale WSL2010-R020-F
4 x 220µF, 10V AVX TPS or
Sprague 595D
0.012
Ω Dale WSL2512-R012-F
R1, R2 Resistors
C3 Input Capacitor
15µH, 2.4A Ferrite
Coilcraft DO3316P-153 or
Sumida CDRH125-150
10µH, 4A Ferrite
Coilcraft DO3316P-103 or
Sumida CDRH125-100
4.7µH, 5.5A Ferrite
Coilcraft DO3316-472 or
5.2µH, 6.5A Ferrite Sumida
CDRH127-5R2MC
L1, L2 Inductors
AVX
(1) 803-626-3123
(1) 516-435-1824
FACTORY FAX
(COUNTRY CODE)
(803) 946-0690
(516) 435-1110
USA PHONE
Coilcraft
(1) 847-639-1469
(847) 639-6400
Central
Semiconductor
COMPANY
Coiltronics
(1) 561-241-9339
(1) 605-665-1627
(561) 241-7876
(605) 668-4131
International
Rectifier (IR)
(1) 310-322-3332
(310) 322-3331
Dale
IRC
(1) 512-992-3377
(1) 714-960-6492
(512) 992-7900
(714) 969-2491
Matsuo
Motorola
(1) 602-994-6430
(81) 3-3494-7414
FACTORY FAX
(COUNTRY CODE)
(602) 303-5454
(805) 867-2555*
USA PHONE
Siliconix
(1) 408-970-3950
(1) 603-224-1430
Sanyo
(81) 7-2070-1174
(408) 988-8000
(619) 661-6835
(603) 224-1961
Sumida
(81) 3-3607-5144
(847) 956-0666
Sprague
TDK
(1) 847-390-4428
(1) 702-831-3521
(847) 390-4373
(702) 831-0140
Transpower
Technologies
NIEC
COMPANY
Murata-Erie
(1) 814-238-0490
(814) 237-1431
*Distributor
LOAD CURRENT
COMPONENT


Similar Part No. - MAX1630_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
MAX1630AEAI MAXIM-MAX1630AEAI Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
MAX1630AEAI MAXIM-MAX1630AEAI Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
MAX1630AEAI++ MAXIM-MAX1630AEAI+ Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
MAX1630CAI MAXIM-MAX1630CAI Datasheet
237Kb / 28P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-0480; Rev 3; 4/97
More results

Similar Description - MAX1630_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1632AEAI MAXIM-MAX1632AEAI Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
MAX1630 MAXIM-MAX1630 Datasheet
237Kb / 28P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-0480; Rev 3; 4/97
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
MAX1901 MAXIM-MAX1901 Datasheet
649Kb / 33P
   500kHz Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 3; 12/03
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
logo
Renesas Technology Corp
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com