Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16030TG Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX16030TG
Description  Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16030TG Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX16030TG Datasheet HTML 5Page - Maxim Integrated Products MAX16030TG Datasheet HTML 6Page - Maxim Integrated Products MAX16030TG Datasheet HTML 7Page - Maxim Integrated Products MAX16030TG Datasheet HTML 8Page - Maxim Integrated Products MAX16030TG Datasheet HTML 9Page - Maxim Integrated Products MAX16030TG Datasheet HTML 10Page - Maxim Integrated Products MAX16030TG Datasheet HTML 11Page - Maxim Integrated Products MAX16030TG Datasheet HTML 12Page - Maxim Integrated Products MAX16030TG Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Dual-/Triple-/Quad-Voltage, Capacitor-
Adjustable, Sequencing/Supervisory Circuits
_______________________________________________________________________________________
9
Detailed Description
The MAX16025–MAX16030 are low-voltage, accurate,
dual-/triple-/quad-voltage microprocessor (µP) supervi-
sors in a small TQFN package. These devices provide
supervisory and sequencing functions for complex mul-
tivoltage systems. The MAX16025/MAX16026 monitor
two voltages, the MAX16027/MAX16028 monitor three
voltages, and the MAX16029/MAX16030 monitor four
voltages.
The MAX16025–MAX16030 offer independent outputs
and enable functions for each monitored voltage. This
configuration allows the device to operate as four sepa-
rate supervisory circuits or be daisy-chained together to
allow controlled sequencing of power supplies during
power-up initialization. When all of the monitored volt-
ages exceed their respective thresholds, an indepen-
dent reset output deasserts to allow the system
processor to operate.
These devices offer enormous flexibility as there are
nine threshold options that are selected through two
threshold-select logic inputs. Each monitor circuit also
offers an independent enable input to allow both digital
and analog control of each monitor output. A tolerance
select input allows these devices to be used in systems
requiring 5% or 10% power-supply tolerances. In addi-
tion, the time delays and reset timeout can be adjusted
using small capacitors. There is also a fixed 140ms
minimum reset timeout feature.
Figure 2. Timing Diagram (CDLY_ Open)
VCC
VTH
VTH
t < tON
VUVLO
tON
tRP
tDELAY-
tDELAY+
tRST_DELAY
tOFF
tRP
tRP
tON
IN_
EN_
OUT_
RESET


Similar Part No. - MAX16030TG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1603 MAXIM-MAX1603 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX16031 MAXIM-MAX16031 Datasheet
399Kb / 42P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 1; 10/07
MAX16031 MAXIM-MAX16031 Datasheet
1,019Kb / 18P
   LEDs Indicate Each Output is State
Rev 0; 11/07
MAX16031ETM MAXIM-MAX16031ETM Datasheet
399Kb / 42P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 1; 10/07
MAX16031ETM++ MAXIM-MAX16031ETM+ Datasheet
290Kb / 41P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 2; 6/10
More results

Similar Description - MAX16030TG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16041 MAXIM-MAX16041 Datasheet
275Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 0; 8/06
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com