Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16028 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX16028
Description  Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16028 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX16028 Datasheet HTML 1Page - Maxim Integrated Products MAX16028 Datasheet HTML 2Page - Maxim Integrated Products MAX16028 Datasheet HTML 3Page - Maxim Integrated Products MAX16028 Datasheet HTML 4Page - Maxim Integrated Products MAX16028 Datasheet HTML 5Page - Maxim Integrated Products MAX16028 Datasheet HTML 6Page - Maxim Integrated Products MAX16028 Datasheet HTML 7Page - Maxim Integrated Products MAX16028 Datasheet HTML 8Page - Maxim Integrated Products MAX16028 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Dual-/Triple-/Quad-Voltage, Capacitor-
Adjustable, Sequencing/Supervisory Circuits
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 2.2V to 28V, TA = -40°C to +125°C, unless otherwise specified. Typical values are at VCC = 3.3V and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
VCC .........................................................................-0.3V to +30V
EN1–EN4 ....................................................-0.3V to (VCC + 0.3V)
OUT1–OUT4 (push-pull).............................-0.3V to (VCC + 0.3V)
OUT1–OUT4 (open-drain) ......................................-0.3V to +30V
RESET (push-pull) ......................................-0.3V to (VCC + 0.3V)
RESET (open-drain) ..................................................-0.3V to 30V
IN1–IN4.......................................................-0.3V to (VCC + 0.3V)
MR, TOL, TH1, TH0 ....................................-0.3V to (VCC + 0.3V)
CDLY1–CDLY4 .........................................................-0.3V to +6V
CRESET ......................................................-0.3V to (VCC + 0.3V)
Input/Output Current (all pins)..........................................±20mA
Continuous Power Dissipation (TA = +70°C)
16-Pin TQFN (derate 25mW/°C above +70°C) ...........2000mW
20-Pin TQFN (derate 25.6mW/°C above +70°C) ........2051mW
24-Pin TQFN (derate 27.8mW/°C above +70°C) ........2222mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
Operating Voltage Range
VCC
(Note 2)
2.2
28.0
V
Undervoltage Lockout
UVLO
(Note 2)
1.8
1.9
2.0
V
Undervoltage-Lockout Hysteresis
UVLOHYST VCC falling
50
mV
VCC = 3.3V
40
75
VCC = 12V
47
75
VCC Supply Current
ICC
All OUT_ and
RESET at
logic-high (IN_ current
excluded)
VCC = 28V
52
80
µA
INPUTS (IN_)
3.3V threshold, TOL = GND
2.970
3.052
3.135
3.3V threshold, TOL = VCC
2.805
2.888
2.970
2.5V threshold, TOL = GND
2.250
2.313
2.375
2.5V threshold, TOL = VCC
2.125
2.187
2.250
1.8V threshold, TOL = GND
1.620
1.665
1.710
1.8V threshold, TOL = VCC
1.530
1.575
1.620
1.5V threshold, TOL = GND
1.350
1.387
1.425
1.5V threshold, TOL = VCC
1.275
1.312
1.350
1.2V threshold, TOL = GND
1.080
1.110
1.140
IN_ Thresholds (IN_ Falling)
VTH
1.2V threshold, TOL = VCC
1.020
1.050
1.080
V
TOL = GND
0.492
0.5
0.508
Adjustable Threshold (IN_
Falling)
VTH
TOL = VCC
0.463
0.472
0.481
V
IN_ Hysteresis (IN_ Rising)
VHYST
0.5
%
IN_ Input Resistance
Fixed threshold
500
918
k
Ω
IN_ Input Current
IL
Adjustable threshold only (VIN_ = 1V)
-100
+100
nA


Similar Part No. - MAX16028

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1602 MAXIM-MAX1602 Datasheet
130Kb / 12P
   Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
19-1125; Rev 0; 9/96
MAX16020 MAXIM-MAX16020 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16020 MAXIM-MAX16020 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16020 MAXIM-MAX16020 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX16020_TE_+T MAXIM-MAX16020_TE_+T Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
More results

Similar Description - MAX16028

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16041 MAXIM-MAX16041 Datasheet
275Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 0; 8/06
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com