Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16030 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16030
Description  Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16030 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16030 Datasheet HTML 1Page - Maxim Integrated Products MAX16030 Datasheet HTML 2Page - Maxim Integrated Products MAX16030 Datasheet HTML 3Page - Maxim Integrated Products MAX16030 Datasheet HTML 4Page - Maxim Integrated Products MAX16030 Datasheet HTML 5Page - Maxim Integrated Products MAX16030 Datasheet HTML 6Page - Maxim Integrated Products MAX16030 Datasheet HTML 7Page - Maxim Integrated Products MAX16030 Datasheet HTML 8Page - Maxim Integrated Products MAX16030 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Dual-/Triple-/Quad-Voltage, Capacitor-
Adjustable, Sequencing/Supervisory Circuits
_______________________________________________________________________________________
5
RESET OUTPUT LOW VOLTAGE
vs. SINK CURRENT
SINK CURRENT (mA)
6
5
3
4
2
1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
07
RESET OUTPUT HIGH VOLTAGE
vs. SOURCE CURRENT
SOURCE CURRENT (mA)
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0
1.0
PUSH-PULL VERSIONS
ENABLE TURN-OFF
MAX16025 toc12
4
μs/div
EN_
OUT_
RESET
CRESET = VCC
CDLY_ = OPEN
ENABLE TURN-ON
MAX16025 toc13
40ms/div
EN_
OUT_
RESET
CRESET = VCC
CDLY_ = OPEN
RESET TIMEOUT DELAY
MAX16025 toc14
100ms/div
IN_
OUT_
RESET
CRESET = VCC
CDLY_ = OPEN
MR FALLING vs. RESET
MAX16025 toc15
4
μs/div
RESET
CRESET = VCC
CDLY_ = OPEN
MR
MR RISING vs. RESET
MAX16025 toc16
40ms/div
RESET
CRESET = VCC
CDLY_ = OPEN
MR
MAXIMUM TRANSIENT DURATION
vs. THRESHOLD OVERDRIVE
THRESHOLD OVERDRIVE (mV)
100
10
10
20
30
40
50
60
70
80
90
100
0
1
1000
OUTPUT ASSERTED ABOVE THIS LINE
Typical Operating Characteristics (continued)
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX16030

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1603 MAXIM-MAX1603 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX16031 MAXIM-MAX16031 Datasheet
399Kb / 42P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 1; 10/07
MAX16031 MAXIM-MAX16031 Datasheet
1,019Kb / 18P
   LEDs Indicate Each Output is State
Rev 0; 11/07
MAX16031ETM MAXIM-MAX16031ETM Datasheet
399Kb / 42P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 1; 10/07
MAX16031ETM++ MAXIM-MAX16031ETM+ Datasheet
290Kb / 41P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 2; 6/10
More results

Similar Description - MAX16030

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16041 MAXIM-MAX16041 Datasheet
275Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 0; 8/06
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com