Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16042TP Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16042TP
Description  Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16042TP Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16042TP Datasheet HTML 6Page - Maxim Integrated Products MAX16042TP Datasheet HTML 7Page - Maxim Integrated Products MAX16042TP Datasheet HTML 8Page - Maxim Integrated Products MAX16042TP Datasheet HTML 9Page - Maxim Integrated Products MAX16042TP Datasheet HTML 10Page - Maxim Integrated Products MAX16042TP Datasheet HTML 11Page - Maxim Integrated Products MAX16042TP Datasheet HTML 12Page - Maxim Integrated Products MAX16042TP Datasheet HTML 13Page - Maxim Integrated Products MAX16042TP Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
The following equation is provided to help estimate the
value of the resistors based on the amount of acceptable
error:
where eA is the fraction of the maximum acceptable
absolute resistive divider error attributable to the input
leakage current (use 0.01 for ±1%), VINTH is the voltage
at which the output (OUT_) should assert, and IL is the
worst-case IN_ leakage current (see the
Electrical
Characteristics). Calculate R2 as follows:
Unused Inputs
Connect any unused IN_ and EN_ inputs to VCC.
OUT_ Output
The MAX16041/MAX16042/MAX16043 feature open-drain
outputs. An OUT_ goes low when its respective IN_ input
voltage drops below its specified threshold or when its
EN_ goes low (see Table 1). OUT_ goes high when EN_
is high and VIN_ is above its threshold after a time delay.
Open-drain outputs require an external pullup resistor to
any voltage from 0 to 28V.
RESET Output
RESET asserts low when any of the monitored voltages
(IN_) falls below its respective threshold, any EN_ goes
low, or
MR is asserted. RESET remains asserted for the
reset timeout period after all of the monitored voltages
exceed their respective thresholds, all EN_ are high, all
OUT_ are high, and
MR is deasserted. All devices have
a push-pull, active-low reset output.
R
VR
VV
TH
INTH
TH
2
1
=
×
R
eV
I
A
INTH
L
1
=
×
Dual-/Triple-/Quad-Voltage, Capacitor-
Adjustable, Sequencing/Supervisory Circuits
10
______________________________________________________________________________________
IN_
VTH
VINTH
R1 = R2 x
(
)
VINTH
VTH
R1
R2
MAX16041
MAX16042
MAX16043
-1
Figure 3. Setting the Adjustable Input
Table 1. Output State*
EN_
IN_
OUT_
Low
VIN_ < VTH
Low
High
VIN_ < VTH
Low
Low
VIN_ > VTH
Low
High
VIN_ > VTH
OUT_ = high impedance
*
When VCC falls below the UVLO, all outputs go low regardless
of the state of EN_ and VIN_. The outputs are guaranteed to be
in the correct state for VCC down to 1.2V.
Table 2. Input-Voltage Threshold Selector
TH1/TH0
LOGIC
IN1 (ALL
VERSIONS)
(V)
IN2 (ALL
VERSIONS)
(V)
IN3
(MAX16042)
(V)
IN4
(MAX16043)
(V)
Low/Low
3.3
2.5
1.8
1.5
Low/High
3.3
1.8
Adj
Adj
Low/Open
3.3
1.5
Adj
Adj
High/Low
3.3
1.2
1.8
2.5
High/High
2.5
1.8
Adj
Adj
High/Open
3.3
Adj
2.5
Adj
Open/Low
3.3
Adj
Adj
Adj
Open/High
2.5
Adj
Adj
Adj
Open/Open
Adj
Adj
Adj
Adj


Similar Part No. - MAX16042TP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1604 MAXIM-MAX1604 Datasheet
190Kb / 16P
   Dual-Channel CardBus and PCMCIA Power Switches with SMBus??Serial Interface
19-1085; Rev 1; 10/96
MAX16040 MAXIM-MAX16040 Datasheet
214Kb / 21P
   Low-Power Battery Backup Circuits in Small μDFN Packages
Rev 0; 7/07
MAX16040LLA23+T MAXIM-MAX16040LLA23+T Datasheet
214Kb / 21P
   Low-Power Battery Backup Circuits in Small μDFN Packages
Rev 0; 7/07
MAX16040LLA26+T MAXIM-MAX16040LLA26+T Datasheet
214Kb / 21P
   Low-Power Battery Backup Circuits in Small μDFN Packages
Rev 0; 7/07
MAX16040LLA29+T MAXIM-MAX16040LLA29+T Datasheet
214Kb / 21P
   Low-Power Battery Backup Circuits in Small μDFN Packages
Rev 0; 7/07
More results

Similar Description - MAX16042TP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16025 MAXIM-MAX16025 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com