Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6370 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6370
Description  Pin-Selectable Watchdog Timers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6370 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6370 Datasheet HTML 1Page - Maxim Integrated Products MAX6370 Datasheet HTML 2Page - Maxim Integrated Products MAX6370 Datasheet HTML 3Page - Maxim Integrated Products MAX6370 Datasheet HTML 4Page - Maxim Integrated Products MAX6370 Datasheet HTML 5Page - Maxim Integrated Products MAX6370 Datasheet HTML 6Page - Maxim Integrated Products MAX6370 Datasheet HTML 7Page - Maxim Integrated Products MAX6370 Datasheet HTML 8Page - Maxim Integrated Products MAX6370 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Pin-Selectable Watchdog Timers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.5V to +5.5V, SET_ = VCC or GND, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C and
VCC = +3V.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX6369/MAX6370
VSET2 = 0V, VSET1 = 0V, VSET0 = 0V
1
3
VSET2 = 0V, VSET1 = 0,V SET0 = VCC
10
30
VSET2 = 0V, SET1 = VCC, VSET0 = 0V
30
90
ms
VSET2 = 0V, SET1 = VCC, SET0 = VCC
Watchdog Disabled
SET2 = VCC, VSET1 = 0V, VSET0 = 0V
100
300
ms
SET2 = VCC, VSET1 = 0V, SET0 = VCC
13
SET2 = VCC, SET1 = VCC, VSET0 = 0V
10
30
Startup Delay Period
tDELAY
SET2 = VCC, SET1 = VCC, SET0 = VCC
60
180
s
VSET2 = 0V, VSET1 = 0V, VSET0 = 0V
1
3
VSET2 = 0V, VSET1 = 0V, SET0 = VCC
10
30
VSET2 = 0V, SET1 = VCC, VSET0 = 0V
30
90
ms
VSET2 = 0V, SET1 = VCC, SET0 = VCC
Watchdog Disabled
SET2 = VCC, VSET1 = 0V, VSET0 = 0V
100
300
ms
SET2 = VCC, VSET1 = 0V, SET0 = VCC
13
SET2 = VCC, SET1 = VCC, VSET0 = 0V
10
30
Watchdog Timeout
Period
tWD
SET2 = VCC, SET1 = VCC, SET0 = VCC
60
180
s
MAX6371/MAX6372
VSET2 = 0V, SET1 = VCC, SET0 = VCC
Watchdog Disabled
Startup Delay Period
tDELAY
All other SET_ conditions
60
180
s
VSET2 = 0V, VSET1 = 0V, VSET0 = 0V
1
3
VSET2 = 0V, VSET1 = 0V, SET0 = VCC
39
VSET2 = 0V, SET1 = VCC, VSET0 = 0V
10
30
ms
VSET2 = 0V, SET1 = VCC, SET0 = VCC
Watchdog Disabled
SET2 = VCC, VSET1 = 0V, VSET0 = 0V
100
300
SET2 = VCC, VSET1 = 0V, SET0 = VCC
300
900
ms
SET2 = VCC, SET1 = VCC, VSET0 = 0V
3
9
Watchdog Time-Out
Period
tWD
SET2 = VCC, SET1 = VCC, SET0 = VCC
60
180
s
MAX6373/MAX6374
VSET2 = 0V, VSET1 = 0V, VSET0 = 0V
3
9
ms
VSET2 = 0V, VSET1 = 0V, SET0 = VCC
39
VSET2 = 0V, SET1 = VCC, VSET0 = 0V
60
180
s
SET2 = 0V, SET1 = VCC, SET0 = VCC
Watchdog Disabled
SET2 = VCC, VSET1 = 0V, VSET0 = 0V
200
600
µs
SET2 = VCC, VSET1 = 0V, SET0 = VCC
First Edge (Note 3)
SET2 = VCC, SET1 = VCC, VSET0 = 0V
First Edge (Note 3)
Startup Delay Period
tDELAY
SET2 = VCC, SET1 = VCC, SET0 = VCC
60
180
s


Similar Part No. - MAX6370

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6370KA-T MAXIM-MAX6370KA-T Datasheet
114Kb / 8P
   Pin-Selectable Watchdog Timers
Rev 2; 2/03
MAX6370KA-T MAXIM-MAX6370KA-T Datasheet
123Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 5; 1/11
MAX6370KA-T MAXIM-MAX6370KA-T Datasheet
440Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 5; 1/11
More results

Similar Description - MAX6370

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6371KA MAXIM-MAX6371KA Datasheet
440Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 5; 1/11
MAX6369 MAXIM-MAX6369 Datasheet
114Kb / 8P
   Pin-Selectable Watchdog Timers
Rev 2; 2/03
MAX6369 MAXIM-MAX6369_11 Datasheet
123Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 5; 1/11
logo
Hitachi Semiconductor
HA16113FPJ HITACHI-HA16113FPJ Datasheet
102Kb / 18P
   Dual Watchdog Timers
logo
Maxim Integrated Produc...
MAX16997 MAXIM-MAX16997 Datasheet
154Kb / 16P
   High-Voltage Watchdog Timers with Adjustable Timeout Delay
Rev 1; 4/09
logo
Vicor Corporation
PRM48JH480X250A00 VICOR-PRM48JH480X250A00 Datasheet
2Mb / 44P
   Pin selectable operating mode
PRM48AH480X200A00 VICOR-PRM48AH480X200A00 Datasheet
3Mb / 42P
   Pin selectable operating mode
logo
Nuvoton Technology Corp...
NAU8315 NUVOTON-NAU8315 Datasheet
1Mb / 43P
   Pin Selectable Gain Setting
logo
Linear Technology
LTC2918 LINER-LTC2918_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2917 LINER-LTC2917_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com