Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6371 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6371
Description  Pin-Selectable Watchdog Timers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6371 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6371 Datasheet HTML 1Page - Maxim Integrated Products MAX6371 Datasheet HTML 2Page - Maxim Integrated Products MAX6371 Datasheet HTML 3Page - Maxim Integrated Products MAX6371 Datasheet HTML 4Page - Maxim Integrated Products MAX6371 Datasheet HTML 5Page - Maxim Integrated Products MAX6371 Datasheet HTML 6Page - Maxim Integrated Products MAX6371 Datasheet HTML 7Page - Maxim Integrated Products MAX6371 Datasheet HTML 8Page - Maxim Integrated Products MAX6371 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX6369–MAX6374 are pin-selectable watchdog
timers that supervise microprocessor (µP) activity and
signal when a system is operating improperly. During
normal operation, the microprocessor should repeated-
ly toggle the watchdog input (WDI) before the selected
watchdog timeout period elapses to demonstrate that
the system is processing code properly. If the µP does
not provide a valid watchdog input transition before the
timeout period expires, the supervisor asserts a watch-
dog (WDO) output to signal that the system is not exe-
cuting the desired instructions within the expected time
frame. The watchdog output pulse can be used to reset
the µP or interrupt the system to warn of processing
errors.
The MAX6369–MAX6374 are flexible watchdog timer
supervisors that can increase system reliability through
notification of code execution errors. The family offers
several pin-selectable watchdog timing options to
match a wide range of system timing applications:
• Watchdog startup delay: provides an initial delay
before the watchdog timer is started.
• Watchdog timeout period: normal operating watch-
dog timeout period after the initial startup delay.
• Watchdog output/timing options: open drain (100ms)
or push-pull (1ms).
The MAX6369–MAX6374 operate over a +2.5V to +5.5V
supply range and are available in miniature 8-pin
SOT23 packages.
________________________Applications
Embedded Control Systems
Industrial Controllers
Critical µP and Microcontroller (µC) Monitoring
Automotive
Telecommunications
Networking
Features
♦ Precision Watchdog Timer for Critical
µP Applications
♦ Pin-Selectable Watchdog Timeout Periods
♦ Pin-Selectable Watchdog Startup Delay Periods
♦ Ability to Change Watchdog Timing Characteristics
Without Power Cycling
♦ Open-Drain or Push-Pull Pulsed Active-Low
Watchdog Output
♦ Watchdog Timer Disable Feature
♦ +2.5V to +5.5V Operating Voltage
♦ 8µA Low Supply Current
♦ No External Components Required
♦ Miniature 8-Pin SOT23 Package
Pin-Selectable Watchdog Timers
________________________________________________________________
Maxim Integrated Products
1
19-1676; Rev 4; 6/10
PART
OUTPUT
WDO PULSE
WIDTH (ms)
MINIMUM STARTUP DELAY
MINIMUM WATCHDOG TIMEOUT
MAX6369
Open Drain
100
Selectable: 1ms to 60s
Selectable: 1ms to 60s
MAX6370
Push-Pull
1
Selectable: 1ms to 60s
Selectable: 1ms to 60s
MAX6371
Open Drain
100
60s
Selectable: 1ms to 60s
MAX6372
Push-Pull
1
60s
Selectable: 1ms to 60s
MAX6373
Open Drain
100
Selectable: 200µs to 60s or first edgeSelectable: 30µs to 10s
MAX6374
Push-Pull
1
Selectable: 200µs to 60s or first edgeSelectable: 30µs to 10s
Selector Guide
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP
RANGE
PIN-
PACKAGE
TOP
MARK
MAX6369KA-T
-40°C to +125°C
8 SOT23
AADC
MAX6369KA/V-T
-40°C to +125°C
8 SOT23
AADC
MAX6369KA/V+T
-40°C to +125°C
8 SOT23
AADC
MAX6370KA-T
-40°C to +125°C
8 SOT23
AADD
MAX6371KA-T
-40°C to +125°C
8 SOT23
AADE
MAX6372KA-T
-40°C to +125°C
8 SOT23
AADF
MAX6373KA-T
-40°C to +125°C
8 SOT23
AADG
MAX6374KA-T
-40°C to +125°C
8 SOT23
AADH
Ordering Information
Pin Configuration appears at end of data sheet.
Note: All devices are available in tape-and-reel only. Required
order increment is 2,500 pieces.
/V denotes an automotive qualified part.
Devices are available in both leaded and lead-free packaging.
Specify lead-free by replacing “-T” with “+T” when ordering.


Similar Part No. - MAX6371

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6371 MAXIM-MAX6371 Datasheet
114Kb / 8P
   Pin-Selectable Watchdog Timers
Rev 2; 2/03
MAX6371KA MAXIM-MAX6371KA Datasheet
440Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 5; 1/11
MAX6371KA-T MAXIM-MAX6371KA-T Datasheet
114Kb / 8P
   Pin-Selectable Watchdog Timers
Rev 2; 2/03
MAX6371KA-T MAXIM-MAX6371KA-T Datasheet
123Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 5; 1/11
MAX6371KA-T MAXIM-MAX6371KA-T Datasheet
440Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 5; 1/11
More results

Similar Description - MAX6371

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6371KA MAXIM-MAX6371KA Datasheet
440Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 5; 1/11
MAX6369 MAXIM-MAX6369 Datasheet
114Kb / 8P
   Pin-Selectable Watchdog Timers
Rev 2; 2/03
MAX6369 MAXIM-MAX6369_11 Datasheet
123Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 5; 1/11
logo
Hitachi Semiconductor
HA16113FPJ HITACHI-HA16113FPJ Datasheet
102Kb / 18P
   Dual Watchdog Timers
logo
Maxim Integrated Produc...
MAX16997 MAXIM-MAX16997 Datasheet
154Kb / 16P
   High-Voltage Watchdog Timers with Adjustable Timeout Delay
Rev 1; 4/09
logo
Vicor Corporation
PRM48JH480X250A00 VICOR-PRM48JH480X250A00 Datasheet
2Mb / 44P
   Pin selectable operating mode
PRM48AH480X200A00 VICOR-PRM48AH480X200A00 Datasheet
3Mb / 42P
   Pin selectable operating mode
logo
Nuvoton Technology Corp...
NAU8315 NUVOTON-NAU8315 Datasheet
1Mb / 43P
   Pin Selectable Gain Setting
logo
Linear Technology
LTC2918 LINER-LTC2918_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2917 LINER-LTC2917_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com