Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16061_TP+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX16061_TP+
Description  1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16061_TP+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX16061_TP+ Datasheet HTML 2Page - Maxim Integrated Products MAX16061_TP+ Datasheet HTML 3Page - Maxim Integrated Products MAX16061_TP+ Datasheet HTML 4Page - Maxim Integrated Products MAX16061_TP+ Datasheet HTML 5Page - Maxim Integrated Products MAX16061_TP+ Datasheet HTML 6Page - Maxim Integrated Products MAX16061_TP+ Datasheet HTML 7Page - Maxim Integrated Products MAX16061_TP+ Datasheet HTML 8Page - Maxim Integrated Products MAX16061_TP+ Datasheet HTML 9Page - Maxim Integrated Products MAX16061_TP+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Typical Operating Characteristics (continued)
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
MARGIN DISABLE FUNCTION
MAX16060/1/2 toc13
OUT_
2V/div
MARGIN
2V/div
100
μs/div
RESET
2V/div
OUT_ AND RESET ARE BELOW RESPECTIVE
THRESHOLDS
WATCHDOG TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
-40 -25 -10 5
20 35 50 65 80 95 110 125
1.50
1.51
1.52
1.53
1.54
1.55
1.56
1.57
1.58
1.59
1.60
MARGIN ENABLE FUNCTION
MAX16060/1/2 toc12
OUT_
2V/div
MARGIN
2V/div
100
μs/div
RESET
2V/div
OUT_ AND RESET ARE
BELOW RESPECTIVE
THRESHOLDS
1000
0.01
0.1
1
10
100
1000
100
10
1
0.1
0.01
RESET TIMEOUT PERIOD
vs. CSRT
CSRT (nF)
1% Accurate, Quad-/Hex-/Octal-Voltage
µP Supervisors
6
_
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
_


Similar Part No. - MAX16061_TP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606 Datasheet
664Kb / 10P
   28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX16063 MAXIM-MAX16063 Datasheet
183Kb / 13P
   1% Accurate, Low-Voltage, Quad Window Voltage Detector
Rev 0; 4/08
MAX16063TG++ MAXIM-MAX16063TG+ Datasheet
183Kb / 13P
   1% Accurate, Low-Voltage, Quad Window Voltage Detector
Rev 0; 4/08
MAX16064 MAXIM-MAX16064 Datasheet
1Mb / 52P
   ±0.3% Accurate, Quad, Power-Supply Controller with Active-Voltage Output Control and PMBus Interface
Rev 0; 7/09
More results

Similar Description - MAX16061_TP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16000 MAXIM-MAX16000_12 Datasheet
311Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
MAX16000 MAXIM-MAX16000 Datasheet
275Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
Rev 3; 12/08
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6892 MAXIM-MAX6892_10 Datasheet
178Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 2; 9/10
MAX6889 MAXIM-MAX6889 Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
logo
Maxim Integrated Produc...
MAX16063 MAXIM-MAX16063 Datasheet
183Kb / 13P
   1% Accurate, Low-Voltage, Quad Window Voltage Detector
Rev 0; 4/08
MAX6874 MAXIM-MAX6874 Datasheet
342Kb / 40P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6872 MAXIM-MAX6872 Datasheet
379Kb / 48P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
logo
Analog Devices
ADM1184ARMZ AD-ADM1184ARMZ Datasheet
269Kb / 12P
   0.8% Accurate Quad Voltage Monitor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com