Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21070CIH333Z-TK Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL21070CIH333Z-TK
Description  25關A Micropower Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21070CIH333Z-TK Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL21070CIH333Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21070CIH333Z-TK Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ISL21070
6
FN7599.0
March 19, 2010
Typical Performance Characteristics Curves V
OUT = 2.5V, VIN = 3V, IOUT = 0mA, TA = +25°C
unless otherwise specified.
FIGURE 2. IIN vs VIN, 3 UNITS
FIGURE 3. IIN vs VIN OVER-TEMPERATURE
FIGURE 4. LINE REGULATION, 3 UNITS
FIGURE 5. LINE REGULATION OVER-TEMPERATURE
FIGURE 6. VOUT vs TEMPERATURE NORMALIZED to
+25°C
FIGURE 7. LINE TRANSIENT RESPONSE, WITH 1nF
CAPACITIVE LOAD
0
2
4
6
8
10
12
14
16
18
20
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VIN (V)
TYP
LOW
HIGH
8
9
10
11
12
13
14
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VIN (V)
+25°C
-40°C
-85°C
2.49990
2.49995
2.50000
2.50005
2.50010
2.50015
2.50020
2.50025
2.50030
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
TYP
LOW
HIGH
VIN (V)
-150
-100
-50
0
50
100
150
200
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VIN (V)
+25°C
-40°C
-85°C
2.4990
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
-40 -30 -20 -10 0
10203040 5060 7080
TEMPERATURE (°C)
TYP
LOW
HIGH
-25
-20
-15
-10
-5
0
5
10
15
20
25
0
50 100 150 200 250 300 350 400 450 500
TIME (µs)
ΔVIN = -0.3V
ΔVIN = +0.3V


Similar Part No. - ISL21070CIH333Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21070CIH320Z-TK INTERSIL-ISL21070CIH320Z-TK Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
ISL21070CIH320Z-TK INTERSIL-ISL21070CIH320Z-TK Datasheet
512Kb / 11P
   25µA Micropower Voltage References
September 3, 2015
logo
Renesas Technology Corp
ISL21070CIH320Z-TK RENESAS-ISL21070CIH320Z-TK Datasheet
777Kb / 12P
   25關A Micropower Voltage References
logo
Intersil Corporation
ISL21070CIH325Z-TK INTERSIL-ISL21070CIH325Z-TK Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
ISL21070CIH325Z-TK INTERSIL-ISL21070CIH325Z-TK Datasheet
512Kb / 11P
   25µA Micropower Voltage References
September 3, 2015
More results

Similar Description - ISL21070CIH333Z-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL21070 RENESAS-ISL21070 Datasheet
777Kb / 12P
   25關A Micropower Voltage References
logo
Intersil Corporation
ISL21070 INTERSIL-ISL21070_11 Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com