Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS16F95WGFQMLV Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS16F95WGFQMLV
Description  EIA-485/EIA-422A Differential Bus Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS16F95WGFQMLV Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DS16F95WGFQMLV Datasheet HTML 4Page - National Semiconductor (TI) DS16F95WGFQMLV Datasheet HTML 5Page - National Semiconductor (TI) DS16F95WGFQMLV Datasheet HTML 6Page - National Semiconductor (TI) DS16F95WGFQMLV Datasheet HTML 7Page - National Semiconductor (TI) DS16F95WGFQMLV Datasheet HTML 8Page - National Semiconductor (TI) DS16F95WGFQMLV Datasheet HTML 9Page - National Semiconductor (TI) DS16F95WGFQMLV Datasheet HTML 10Page - National Semiconductor (TI) DS16F95WGFQMLV Datasheet HTML 11Page - National Semiconductor (TI) DS16F95WGFQMLV Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AC - Receiver Electrical Characteristics (Note 10)
The following conditions apply to all parameters, unless otherwise specified.
V
CC = 5V, PRR = 1MHZ,TR
≤ T
F
≤ 6nS, 50% duty cycle, AMP = 3V, VL
O,ZOUT =50
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-group
t
PLH
Propagation Delay Time Low to
High Figure 7
C
L = 15pF
10
27
nS
9
10
38
nS
10, 11
t
PHL
Propagation Delay Time High
to Low Figure 7
C
L = 15pF
10
27
nS
9
10
38
nS
10, 11
t
PZH
Output Enable Time to H
Figure 8
C
L = 15pF
20
nS
9
30
nS
10, 11
t
PZL
Output Enable Time to L
Figure 8
C
L = 15pF
20
nS
9
30
nS
10, 11
|t
PLH -tPHL|
Output to Output Delay Time
Figure 7
8nS
9
16
nS
10, 11
t
PHZ
Output Disable Time From H
Figure 8
C
L = 20pF
(Notes 7,
15)
30
nS
9
(Note 7)
40
nS
10, 11
C
L = 5pF
(Note 7)
20
nS
9
(Note 7)
30
nS
10, 11
t
PLZ
Output Disable Time From L
Figure 8
C
L = 5pF
20
nS
9
30
nS
10, 11
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
Note 2: Above TA = 25˚C, derate E package 12.1mW˚C, J package 8.5 mW/˚C,W&WG package 4.8mW/˚C.
Note 3: Human body model, 1.5k
Ω in series with 100pF
Note 4:
∆|VOD| and ∆|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level to a low level.
Note 5: Negative sign of the limits indicates the direction of the current flow only.
Note 6: RIN is guaranteed by testing “Line Input Current” (II).
Note 7: Testing at 20pF assures conformance to spec at 5pF.
Note 8: tTD = Non-inverting output rise time + inverting output fall time / 2, Non-inverting output fall time + inverting output rise time / 2.
Note 9: Rise time 20% to 80%, Fall time 80% to 20%.
Note 10: Pre and post irradiation limits are identical to those listed under A C and DC electrical characteristics. These parts may be dose rate sensitive in a space
environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters are guaranteed only for the conditions as specified
in MIL-STD 883, Method 1019, condition A.
Parameter Measurement Information
20142502
FIGURE 1. Driver V
OD and VOC (Note 14)
20142503
FIGURE 2. Receiver V
OH and VOL
www.national.com
8


Similar Part No. - DS16F95WGFQMLV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS16F95W/883 NSC-DS16F95W/883 Datasheet
274Kb / 14P
   EIA-485/EIA-422A Differential Bus Transceiver
logo
Texas Instruments
DS16F95W/883 TI1-DS16F95W/883 Datasheet
520Kb / 19P
[Old version datasheet]   EIA-485/EIA-422A Differential Bus Transceiver
DS16F95WFQMLV TI1-DS16F95WFQMLV Datasheet
520Kb / 19P
[Old version datasheet]   EIA-485/EIA-422A Differential Bus Transceiver
More results

Similar Description - DS16F95WGFQMLV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS16F95 NSC-DS16F95 Datasheet
274Kb / 14P
   EIA-485/EIA-422A Differential Bus Transceiver
logo
Texas Instruments
DS16F95QML TI1-DS16F95QML_16 Datasheet
520Kb / 19P
[Old version datasheet]   EIA-485/EIA-422A Differential Bus Transceiver
DS16F95 TI1-DS16F95_16 Datasheet
309Kb / 16P
[Old version datasheet]   DS16F95, DS36F95 EIA-485/EIA-422A Differential Bus Transceiver
logo
National Semiconductor ...
DS16F95A NSC-DS16F95A Datasheet
363Kb / 10P
   TIA/EIA-485-A (RS-485) Extended Temperature Differential Bus Transceiver
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F173MQML TI1-DS96F173MQML_13 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com