Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDSM012C1 Datasheet(PDF) 4 Page - SHIELD s.r.l.

Part # RDSM012C1
Description  M12 coding A, receptacle, with wires, back assembling
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

RDSM012C1 Datasheet(HTML) 4 Page - SHIELD s.r.l.

  RDSM012C1 Datasheet HTML 1Page - SHIELD s.r.l. RDSM012C1 Datasheet HTML 2Page - SHIELD s.r.l. RDSM012C1 Datasheet HTML 3Page - SHIELD s.r.l. RDSM012C1 Datasheet HTML 4Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
version 091028
CONNECTORS | CONNETTORI
RDS
www.shield.net
45-59
C
contacts code
codice contatti
(c1)
W000
total contact length
lunghezza contatti totale
L
mm
6
contact extremity
reduced diameter length
lunghezza diametro ridotto
estremità del contatto
R
mm
3
contact reduced diameter
diametro ridotto del contatto
Ø V
mm
0,8
contact diameter
diametro del contatto
Ø W
mm
1,2
(c1) different lengths available on request.
lunghezze diverse possibili su richiesta.
D
variant code
codice variante
000
005
006
body material
materiale corpo
Ni plated brass
ottone nichelato
stainless steel
acciaio inox
Ni plated brass
ottone nichelato
fixing thread, T
filetto di fissaggio, T
M16x1,5
M16x1,5
PG9
ACCESSORIES / ACCESSORI
nut code, optional
codice dado, opzionale
1905.M16
1905.M16X
1905.PG9
nut material
materiale dado
Ni plated brass
ottone nichelato
stainless steel
acciaio inox
Ni plated brass
ottone nichelato
threading
filettatura
M16x1,5
M16x1,5
PG9
hexagonal wrench
chiave
Hex 17
Hex 17
Hex 17
max diameter, V
diametro max, V
Ø 18 mm
Ø 18 mm
Ø 18 mm
thickness, K
spessore, K
2,8 mm
2,8 mm
2,8 mm


Similar Part No. - RDSM012C1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RDS HAMMOND-RDS Datasheet
52Kb / 1P
   Interrupteurs a distance pour montage sur porte
logo
AAEON Technology
RDS-0710 AAEON-RDS-0710 Datasheet
482Kb / 2P
   Rugged Docking Station for RTC-710
RDS-0710-000 AAEON-RDS-0710-000 Datasheet
482Kb / 2P
   Rugged Docking Station for RTC-710
RDS-0710-001 AAEON-RDS-0710-001 Datasheet
482Kb / 2P
   Rugged Docking Station for RTC-710
logo
CUI INC
RDS-1045 CUI-RDS-1045 Datasheet
337Kb / 4P
   ROTARY DIP SWITCH
More results

Similar Description - RDSM012C1

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
RDEF00300 SHIELD-RDEF00300 Datasheet
245Kb / 4P
   M12 coding A, receptacle, with wires, frontal assembling
HDSF00250 SHIELD-HDSF00250 Datasheet
224Kb / 2P
   7/8, receptacle, with wires, back assembling
REEF00300 SHIELD-REEF00300 Datasheet
206Kb / 4P
   M8, receptacle, with wires, frontal assembling
HDEF00250 SHIELD-HDEF00250 Datasheet
220Kb / 2P
   7/8, receptacle, with wires, frontal assembling
logo
Wurth Elektronik GmbH &...
643462100608 WURTH-643462100608 Datasheet
385Kb / 5P
   WR-CIRC M12 Screw - Coding A - Panel Wires
001.003
643452100304 WURTH-643452100304 Datasheet
386Kb / 5P
   WR-CIRC M12 Screw - Coding A - Panel Wires
REVISION 001.003
643452100605 WURTH-643452100605 Datasheet
389Kb / 5P
   WR-CIRC M12 Screw - Coding A - Panel Wires
REVISION 001.003
643362100604 WURTH-643362100604 Datasheet
383Kb / 5P
   WR-CIRC M12 Screw - Coding A - Panel Wires
001.003
643352100605 WURTH-643352100605 Datasheet
388Kb / 5P
   WR-CIRC M12 Screw - Coding A - Panel Wires
001.003
643362100608 WURTH-643362100608 Datasheet
375Kb / 5P
   WR-CIRC M12 Screw - Coding A - Panel Wires
001.003
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com