Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

120220-0206 Datasheet(PDF) 3 Page - ITT Industries

Part # 120220-0206
Description  CANNON UNIVERSAL CONTACT SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

120220-0206 Datasheet(HTML) 3 Page - ITT Industries

  120220-0206 Datasheet HTML 1Page - ITT Industries 120220-0206 Datasheet HTML 2Page - ITT Industries 120220-0206 Datasheet HTML 3Page - ITT Industries 120220-0206 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3.48 ±0.15
1.00 ±0.10
0.55
0.40 Min
At Max compression
0.80
2.05
Soldering area
2.35
5.50
± 0.15
2.66
± 0.30
Universal Contact
Universal Contact is an independent SMT contact which
provides an electrical connection between a device and a
PCB. The contact is manufactured as a single piece
stamped product, incorporating pre-load and anti-lift features.
The Universal Contact has been designed to replace
traditional interfaces where the contact is custom designed
into the component. It can be used to connect a number of
device components in any direction and configuration using
the same interface.
Features & Benefits of the Design
Range of heights available:
- 1.3mm contact with the minimum pitch of 1.35mm
- 1.8mm contact with the minimum pitch of 1.25mm
- 2.5mm contact the minimum pitch is 1.35mm
- 3.5 & 4.0mm minimum pitch is 1.45mm
Solderwell that prevents solder wicking up the
contact
“Side wings” protect the active parts of the
contact which prevent contact from
overstressing and potential damage
Domed contact point allows good hertz stress and
low contact resistance
The X-Y-Z movement allows robust connection
between the contact and component assembly
during shock and vibration
Compliant with WEEE and RoHS directives.
1.8mm
120220-0202
packaging: 6,800 per reel
3.5mm
120220-0204
packaging: 3,600 per reel
4mm
120220-0206
packaging: 3,200 per reel
2.5mm
120220-0161
packaging: 6,000 per reel
2 way - 2.5mm height,
1.5 pitch
120220-0162
1.3mm
120220-0210
packaging: 9,500 per reel
0.63
4.87 ± 0.15
0.74 Min
At Max compression
1.19
1.02 ± 0.10
2.87
Soldering area
3.43
0.47 Min
At Max compression
1.66
5.00
0.70
1.10 ± 0.10
2.80
Soldering area
3.25
5.00
± 0.15
0.47 Min
At Max compression
1.65
0.70
1.10 ± 0.10
Soldering area
3.00
2.80
3.41 ± 0.15
0.55
0.90 ± 0.10
0.40 Min
At Max compression
0.84
1.80
Soldering area
2.35
© 2006 ITT Industries, Inc.
Specifications and other data are based on information available at the time of printing,
and are subject to change without notice.
Materials & Finishes
Base material
Beryllium Copper
Plating
Selective Au in contact area 1 µm
min over Au stripe, 0.05 - 0.1 µm over
Ni 1.0 - 3.0 µm
Electrical
Contact resistance
Max 20 m
Max current rating
2.0 amps nominal 3.0 amps peak
Environmental
Operating temperature
-40˚C and +85˚C
Humidity
Operable in 90% relative humidity
(temp + 40˚C)
Solder systems
Infrared and hot air reflow
Vibration
In accordance with IEC 68-2-36
Shock
In accordance with IEC 68-2-27, 30 g
Mechanical
See selection table on the right for
contact forces at specific mating heights
Maximum mating cycle based on mating PCB plated with 0.05µ Au
over 2.0µ m Ni = 3,000 cycles. (Wear resistance is subject to mating
component surface finish and plating type, increased mating
component plating spec = increased mating cycles.)
Packaging
Packaged in 12mm wide tape & reel
packaging to EIA-481 standards
Additional Advantages of using Universal Contacts
Qualification time reduction - same contact for many
components
Allows standard interface across applications and platforms
Freedom to position at an angle - not fixed by mating
component
Applications
Handset
Solderless component interconnect
I/O connector / Board to board
interconnect
Battery contact / Antenna contact
Grounding contact / SIM contact
Laptops & Computers
Memory Stick
Home Electronic Devices / White Goods
Smoke detectors / Security alarm
systems
Home appliances
Automotive - Keyfob
Medical - CT scan equipment
Industrial - Circuit breaker for GPS beckon


Similar Part No. - 120220-0206

ManufacturerPart #DatasheetDescription
logo
ITT Industries
120220-0113 ITT-120220-0113 Datasheet
185Kb / 1P
   MOBILE CONNECTOR SERIES
120220-0127 ITT-120220-0127 Datasheet
114Kb / 1P
   MOBILE CONNECTOR SERIES
120220-0130 ITT-120220-0130 Datasheet
154Kb / 1P
   MOBILE CONNECTOR SERIES LPC CP1/CP2
120220-0132 ITT-120220-0132 Datasheet
154Kb / 1P
   MOBILE CONNECTOR SERIES LPC CP1/CP2
120220-0135 ITT-120220-0135 Datasheet
114Kb / 1P
   MOBILE CONNECTOR SERIES
More results

Similar Description - 120220-0206

ManufacturerPart #DatasheetDescription
logo
ITT Industries
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
   Cannon Trident Series
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
   Cannon Trident Series
192993-0106 ITT-192993-0106 Datasheet
5Mb / 96P
   Cannon Trident Series
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
192990-2490 ITT-192990-2490 Datasheet
5Mb / 96P
   Cannon Trident Series
DEU-9S-A197-F0 ITT-DEU-9S-A197-F0 Datasheet
42Kb / 1P
   Cannon
DBSFY-25P-A190-K87 ITT-DBSFY-25P-A190-K87 Datasheet
295Kb / 6P
   Cannon Speedy D
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
ISO15170 ITT-ISO15170 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com