Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90387SPMT Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB90387SPMT
Description  16-bit Proprietary Microcontrollers CMOS
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90387SPMT Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90387SPMT Datasheet HTML 1Page - Fujitsu Component Limited. MB90387SPMT Datasheet HTML 2Page - Fujitsu Component Limited. MB90387SPMT Datasheet HTML 3Page - Fujitsu Component Limited. MB90387SPMT Datasheet HTML 4Page - Fujitsu Component Limited. MB90387SPMT Datasheet HTML 5Page - Fujitsu Component Limited. MB90387SPMT Datasheet HTML 6Page - Fujitsu Component Limited. MB90387SPMT Datasheet HTML 7Page - Fujitsu Component Limited. MB90387SPMT Datasheet HTML 8Page - Fujitsu Component Limited. MB90387SPMT Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
MB90385 Series
DS07-13717-5E
5
(Continued)
*1 : Settings of DIP switch S2 for using emulation pod MB2145-507. For details, see MB2145-507 Hardware Manual
(2.7 Power Pin solely for Emulator).
*2 : MB90387S, MB90F387S
■ PACKAGES AND PRODUCT MODELS
: Yes
× : No
Note : Refer to “
PACKAGE DIMENSION” for details of the package.
■ PRODUCT COMPARISON
Memory space
When testing with test product for evaluation, check the differences between the product and a product to be
used actually. Pay attention to the following points:
• The MB90V495G has no built-in ROM. However, a special-purpose development tool allows the operations
as those of one with built-in ROM. ROM capacity depends on settings on a development tool.
• On MB90V495G, an image from FF4000H to FFFFFFH is viewed on 00 bank and an image of FE0000H to
FF3FFFH is viewed only on FE bank and FF bank. (Modified on settings of a development tool.)
• On MB90F387/F387S/387/387S, an image from FF4000H to FFFFFFH is viewed on 00 bank and an image of
FE0000H to FF3FFFH is viewed only on FF bank.
Part Number
MB90F387
MB90F387S
MB90387
MB90387S
MB90V495G
Parameter
Delay interrupt generator
module
Interrupt generator module for task switching. Used for realtime OS.
DTP/External interrupt
Number of inputs: 4
Activated by rising edge, falling edge, “H” level or “L” level input.
External interrupt or expanded intelligent I/O service (EI2OS) is available.
8/10-bit A/D converter
Number of channels: 8
Resolution: Selectable 10-bit or 8-bit.
Conversion time: 6.125
µs (at 16 MHz machine clock, including sampling time)
Sequential conversion of two or more successive channels is allowed. (Setting
a maximum of 8 channels is allowed.)
Single conversion mode
: Selected channel is converted only once.
Sequential conversion mode: Selected channel is converted repetitively.
Halt conversion mode
: Conversion of selected channel is stopped and
activated alternately.
UART(SCI)
Number of channels: 1
Clock-synchronous transfer: 62.5 kbps to 2 Mbps
Clock-asynchronous transfer: 9,615 bps to 500 kbps
Communication is allowed by bi-directional serial communication function and
master/slave type connection.
CAN
Compliant with Ver 2.0A and Ver 2.0B CAN specifications.
8 built-in message buffers.
Transmission rate of 10 kbps to 1 Mbps (by 16 MHz machine clock)
CAN wake-up
Package
MB90F387, MB90F387S
MB90387, MB90387S
FPT-48P-M26


Similar Part No. - MB90387SPMT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90387SPMT FUJITSU-MB90387SPMT Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller
MB90387SPMT FUJITSU-MB90387SPMT Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
logo
Cypress Semiconductor
MB90387SPMT CYPRESS-MB90387SPMT Datasheet
1Mb / 82P
   16-bit Microcontrollers F2MC-16LX
More results

Similar Description - MB90387SPMT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90560 FUJITSU-MB90560_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB90350E FUJITSU-MB90350E Datasheet
899Kb / 85P
   16-bit Proprietary Microcontrollers
MB90561 FUJITSU-MB90561 Datasheet
874Kb / 91P
   16-bit Proprietary Microcontrollers
MB90565 FUJITSU-MB90565_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB91482 FUJITSU-MB91482 Datasheet
896Kb / 88P
   32-bit proprietary Microcontrollers CMOS
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com