Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90443GPF Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90443GPF
Description  16-bit Proprietary Microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90443GPF Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90443GPF Datasheet HTML 7Page - Fujitsu Component Limited. MB90443GPF Datasheet HTML 8Page - Fujitsu Component Limited. MB90443GPF Datasheet HTML 9Page - Fujitsu Component Limited. MB90443GPF Datasheet HTML 10Page - Fujitsu Component Limited. MB90443GPF Datasheet HTML 11Page - Fujitsu Component Limited. MB90443GPF Datasheet HTML 12Page - Fujitsu Component Limited. MB90443GPF Datasheet HTML 13Page - Fujitsu Component Limited. MB90443GPF Datasheet HTML 14Page - Fujitsu Component Limited. MB90443GPF Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
MB90440G Series
DS07-13716-3E
11
(Continued)
■ INPUT LEVELS
The input level of ports P00 to P37 can be selected to be either TTL- or CMOS - level. The initial setting is TTL
- level. These settings are global for all P00 to P37, it is not possible to set different levels to each port.
The input level of ports P40 to PA0 can be selected to be either CMOS- or AUTOMOTIVE - level. The initial
setting is CMOS - level. This settings can be done for each port individually.
Pin No.
Pin name
Circuit type
Function
75
P96
D
General I/O port. This function is enabled when CAN1 disables out-
put.
TX1
TX output pin for CAN1. This function is enabled when CAN1 en-
ables output.
76
P97
D
General I/O port. This function is always enabled.
RX1
RX input pin for CAN1 interface. When the CAN function is used,
output from the other functions must be stopped.
78
PA0
D
General I/O port. This function is always enabled.
INT3
External interrupt request input pin for INT2. Set the corresponding
DDR register to input if this function is used.
34
AVCC
Power supply
Power supply pin for the A/D Converter. This power supply must be
turned on or off while a voltage higher than or equal to AVCC is ap-
plied to VCC.
37
AVSS
Power supply Dedicated ground pin for the A/D Converter
35
AVRH
Power supply
External reference voltage pin for the A/D Converter. This power
supply must be turned on or off while a voltage higher than or equal
to AVRH is applied to AVCC.
36
AVRL
Power supply External reference voltage pin for the A/D Converter
49
to 50
MD0
to MD1
C
Input pins for specifying the operating mode. The pins must be di-
rectly connected to VCC or Vss.
51
MD2
F
Input pin for specifying the operating mode. The pin must be directly
connected to VCC or Vss.
27
C
This is the power supply stabilization capacitor pin. It should be con-
nected externally to an 0.1
µF ceramic capacitor.
23, 84
VCC
Power supply Voltage (5.0 V) input pin
11, 42
81
VSS
Power supply Voltage (0.0 V) input pin


Similar Part No. - MB90443GPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90443GPF FUJITSU-MB90443GPF Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90443GPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com