Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90523B Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB90523B
Description  16-bit Microcontroller
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90523B Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB90523B Datasheet HTML 1Page - Fujitsu Component Limited. MB90523B Datasheet HTML 2Page - Fujitsu Component Limited. MB90523B Datasheet HTML 3Page - Fujitsu Component Limited. MB90523B Datasheet HTML 4Page - Fujitsu Component Limited. MB90523B Datasheet HTML 5Page - Fujitsu Component Limited. MB90523B Datasheet HTML 6Page - Fujitsu Component Limited. MB90523B Datasheet HTML 7Page - Fujitsu Component Limited. MB90523B Datasheet HTML 8Page - Fujitsu Component Limited. MB90523B Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 104 page
background image
MB90520B Series
4
DS07-13707-5E
■ PRODUCT LINEUP
(Continued)
Part Number
Parameter
MB90522B
MB90523B
MB90F523B
MB90V520A
Classification
Mask ROM
Flash ROM
Evaluation product
ROM size
64 Kbytes
128 Kbytes
128 Kbytes
RAM size
4 Kbytes
6 Kbytes
Separate emulator
power supply*1
No
Process
CMOS
Operating power
supply voltage*2
2.7 V to 5.5 V
3.0 V to 5.5 V
Internal regulator circuit
not mounted
mounted
CPU functions
Number of instructions : 340
Instruction sizes : 8-bit, 16-bit
Instruction length : 1 byte to 7 bytes
Data sizes : 1-bit, 8-bit, 16-bit
Minimum instruction execution time : 62.5 ns (for a 16 MHz machine clock)
Interrupt processing time : 1.5
µs min. (for a 16 MHz machine clock)
Low power operation
(standby modes)
Sleep mode, clock mode, pseudo-clock mode, stop mode, hardware standby mode, and
CPU intermittent operation mode
I/O ports
General-purpose I/O ports (CMOS outputs) : 53
General-purpose I/O ports (inputs with pull-up resistors) : 24
General-purpose I/O ports (N-ch open drain outputs) : 8
Total : 85
Timebase timer
18-bit counter
Interrupt interval : 1.024 ms, 4.096 ms, 16.384 ms, 131.072 ms
(for a 4 MHz base oscillation)
Watchdog timer
Reset trigger period
• For a 4 MHz base oscillation : 3.58, 14.33, 57.23, 458.75 ms
• For 32.768 sub-clock operation : 0.438, 3.500, 7.000, 14.000 s
16-bit
I/O
timers
16-bit
freerun
timer
Number of channels : 2
Generates an interrupt on overflow
16-bit
output
compare
Number of channels : 8
Pin change timing : Free run timer register value equals output compare register value.
16-bit
input
capture
Number of channels : 2
Saves the value of the freerun timer register when a pin input occurs (rising edge, falling
edge, either edge) .
16-bit reload timer
Number of channels : 2
Count clock frequency : 0.125, 0.5, or 2.0
µs for a 16 MHz machine clock
Can be used to count an external event clock.


Similar Part No. - MB90523B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90523B FUJITSU-MB90523B Datasheet
978Kb / 99P
   16-bit Proprietary Microcontroller
MB90523B FUJITSU-MB90523B Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90523B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com