Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90487BPF Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90487BPF
Description  16-bit Microcontroller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90487BPF Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90487BPF Datasheet HTML 1Page - Fujitsu Component Limited. MB90487BPF Datasheet HTML 2Page - Fujitsu Component Limited. MB90487BPF Datasheet HTML 3Page - Fujitsu Component Limited. MB90487BPF Datasheet HTML 4Page - Fujitsu Component Limited. MB90487BPF Datasheet HTML 5Page - Fujitsu Component Limited. MB90487BPF Datasheet HTML 6Page - Fujitsu Component Limited. MB90487BPF Datasheet HTML 7Page - Fujitsu Component Limited. MB90487BPF Datasheet HTML 8Page - Fujitsu Component Limited. MB90487BPF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 124 page
background image
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2002-2010 FUJITSU SEMICONDUCTOR LIMITED All rights reserved
2010.7
The information for microcontroller supports is shown in the following homepage.
Be sure to refer to the "Check Sheet" for the latest cautions on development.
"Check Sheet" is seen at the following support page
"Check Sheet" lists the minimal requirement items to be checked to prevent problems beforehand in
system development.
http://edevice.fujitsu.com/micom/en-support/
16-bit Microcontroller
CMOS
F2MC-16LX MB90480B/485B Series
MB90F481B/F482B/487B/488B/483C
MB90F488B/F489B/V480B/V485B
■ DESCRIPTION
The MB90480B/485B series is a 16-bit general-purpose FUJITSU SEMICONDUCTOR microcontroller designed
for process control in consumer devices and other applications requiring high-speed real-time processing.
The F2MC-16LX CPU core instruction set retains the AT architecture of the F2MC*1 family, with additional instruc-
tions for high-level languages, expanded addressing mode, enhanced multiply-drive instructions, and complete
bit processing. In addition, a 32-bit accumulator is provided to enable long-word processing.
The MB90480B/485B series features embedded peripheral resources including 8/16-bit PPG, expanded I/O serial
interface, UART, 10-bit A/D converter, 16-bit I/O timer, 8/16-bit up/down-counter, PWC timer, I2C interface, DTP/
external interrupt, chip select, and 16-bit reload timer.
*1 : F2MC is the abbreviation of FUJITSU Flexible Microcontroller.
■ FEATURES
•Clock
Minimum instruction execution time: 40.0 ns/6.25 MHz base frequency multiplied
× 4 (25 MHz internal operating
frequency/3.3 V
± 0.3 V)
62.5 ns/4 MHz base frequency multiplied
× 4 (16 MHz internal operating
frequency/3.0 V
± 0.3 V) PLL clock multiplier
• Maximum memory space: 16 Mbytes
(Continued)
DS07-13722-11E


Similar Part No. - MB90487BPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90487BPF FUJITSU-MB90487BPF Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90487BPF FUJITSU-MB90487BPF Datasheet
629Kb / 124P
   16-bit Microcontroller
MB90487BPFV FUJITSU-MB90487BPFV Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90487BPF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com