Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90478PFV Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB90478PFV
Description  16-Bit Proprietary Microcontroller
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90478PFV Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90478PFV Datasheet HTML 1Page - Fujitsu Component Limited. MB90478PFV Datasheet HTML 2Page - Fujitsu Component Limited. MB90478PFV Datasheet HTML 3Page - Fujitsu Component Limited. MB90478PFV Datasheet HTML 4Page - Fujitsu Component Limited. MB90478PFV Datasheet HTML 5Page - Fujitsu Component Limited. MB90478PFV Datasheet HTML 6Page - Fujitsu Component Limited. MB90478PFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90478PFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90478PFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 118 page
background image
MB90470 Series
5
(Continued)
Parameter
Part number
MB90477
MB90478
MB90V470B
ROM capacity
MASKROM
256 KB
MASKROM
256 KB
RAM capacity
8 KB
8 KB
16 KB
CPU functions
Basic instructions
Instruction bit length
Instruction length
Data bit length
Minimum instruction execution time
: 351
: 8-bit, 16-bit
: 1 byte to 7 bytes
: 1-bit, 8-bit, 16-bit
: 50 ns (with 20 MHz
machine clock)
Ports
General purpose input/output ports : 84 Max
General purpose input/output ports (CMOS output)
General purpose input/output ports (built-in pull-up resistance)
General purpose input/output ports (N-ch open drain)
UART
Stop-start synchronized : 1 channel
8/16-bit PPG timer
8-bit 6-channel/16-bit 3-channel
8/16-bit up-down counter/timer
Two 8-bit up-down counters with 6 event input pins
Two 8-bit reload/compare registers
16-bit
input/
output
timers
16-bit free-run timer
Channel : 1
Overflow interrupt
Output compare (OCU)
Channels : 6
Pin input source : from compare register match signal
Input capture (ICU)
Channels : 2
Register rewritten from pin input (rising/falling/both edges)
DTP/external interrupt circuit
External interrupt pins : 8 channels (set to edge or level correlation)
I/O expansion serial interface
2-channel, built-in
I2C interface
1-channel, built-in
Time base timer
18-bit counter
Interrupt cycle : 1.0 ms, 4.1 ms, 16.4 ms, 131.1 ms
(minimum times, at base oscillator frequency 4 MHz)
A/D converter
Conversion accuracy : 8/10-bit switchable
Single conversion mode (converts selected channel 1 time only)
Scan conversion mode
(converts multiple consecutive channels, programmable up to 8 channels)
Continuous conversion mode (converts selected channels continuously)
Stop conversion mode (converts selected channel, stops and repeats)
Watchdog timer
Reset interval : 3.58 ms, 14.33 ms, 57.23 ms, 458.75 ms
(minimum times, at base oscillator frequency 4 MHz)
Low power (standby) modes
Sleep, stop, CPU intermittent, watch mode
Process
CMOS
Notes
Mask version
Mask version without
I2C
built-in interface
EVA function
User pin
Emulator dedicated power supply

Included


Similar Part No. - MB90478PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90478PFV FUJITSU-MB90478PFV Datasheet
1Mb / 118P
   16-Bit Proprietary Microcontroller
More results

Similar Description - MB90478PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com