Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90552B Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB90552B
Description  16-bit Proprietary Microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90552B Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB90552B Datasheet HTML 1Page - Fujitsu Component Limited. MB90552B Datasheet HTML 2Page - Fujitsu Component Limited. MB90552B Datasheet HTML 3Page - Fujitsu Component Limited. MB90552B Datasheet HTML 4Page - Fujitsu Component Limited. MB90552B Datasheet HTML 5Page - Fujitsu Component Limited. MB90552B Datasheet HTML 6Page - Fujitsu Component Limited. MB90552B Datasheet HTML 7Page - Fujitsu Component Limited. MB90552B Datasheet HTML 8Page - Fujitsu Component Limited. MB90552B Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
MB90550A/550B Series
DS07-13706-6E
3
■ PRODUCT LINEUP
(Continued)
Part number
Item
MB90552A
MB90552B
MB90553A
MB90553B
MB90F553A
MB90P553A
MB90T552A
MB90T553A MB90V550A
Classification
Mask ROM products
Flash ROM
products
OTP
External ROM products
Evaluation
product
Mass Product
ROM size
64 Kbytes
128 Kbytes
None
None
RAM size
2 Kbytes
4 Kbytes
2 Kbytes
4 Kbytes
6 Kbytes
CPU functions
The number of instructions: 340
Instruction bit length: 8 bits, 16 bits
Instruction length: 1 byte to 7 bytes
Data bit length: 1 bit, 8 bits, 16 bits
Minimum execution time: 62.5 ns (at machine clock of 16 MHz)
Interrupt processing time: 1.5
µs (at machine clock of 16 MHz, minimum value)
Ports
General-purpose I/O ports (CMOS output): 53
General-purpose I/O ports (with pull-up resistor): 16
General-purpose I/O ports (N-channel open-drain output): 6
General-purpose I/O ports (N-channel open-drain function selectable): 8
Total: 83
UART (SCI)
Clock synchronized transmission (62.5 Kbps to 2 Mbps)
Clock asynchronized transmission (62500 bps to 9615 bps)
Transmission can be performed by bi-directional serial transmission or by
master/slave connection.
8/10-bit A/D
converter
Conversion precision: 8/10-bit can be selectively used.
Number of inputs: 8
One-shot conversion mode (converts selected channel only once)
Scan conversion mode (converts two or more successive channels and can program up to
8 channels.)
Continuous conversion mode (converts selected channel continuously)
Stop conversion mode (converts selected channel and stop operation repeatedly)
8/16-bit PPG timer
Number of channels: 3 (8-bit
× 6 channels)
PPG operation of 8-bit or 16-bit
A pulse wave of given intervals and given duty ratios can be output.
Pulse interval: 62.5 ns to 1 ms (at oscillation of 4 MHz, machine clock of 16 MHz)
16-bit
I/O
timer
16-bit
free run timer
Number of channels: 1
Overflow interrupts
Output com-
pare (OCU)
Number of channels: 4
Pin input factor: A match signal of compare register
Input capture
(ICU)
Number of channels: 4
Rewriting a register value upon a pin input (rising, falling or both edges)


Similar Part No. - MB90552B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90552B FUJITSU-MB90552B Datasheet
695Kb / 58P
   16-bit Proprietary Microcontroller
MB90552B FUJITSU-MB90552B Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
MB90552BPF FUJITSU-MB90552BPF Datasheet
695Kb / 58P
   16-bit Proprietary Microcontroller
MB90552BPF FUJITSU-MB90552BPF Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
MB90552BPFV FUJITSU-MB90552BPFV Datasheet
695Kb / 58P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90552B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com