Electronic Components Datasheet Search |
|
MB90F553A Datasheet(PDF) 10 Page - Fujitsu Component Limited. |
|
MB90F553A Datasheet(HTML) 10 Page - Fujitsu Component Limited. |
10 / 64 page MB90550A/550B Series 10 DS07-13706-6E (Continued) Pin no. Pin name Circuit type Function QFP LQFP 29 27 P51 G (NchOD/H) N-channel open-drain I/O port. SCL0 I2C interface clock I/O pin. This function is enabled with the I2C interface enabled for operation. While the I2C interface is operating, place the port output in the Hi-Z state (PDR = 1). SIN0 Extended I/O serial data input pin. Since this input is used as required while the extended I/O serial interface is operating for input, the output by any other function must be off unless used intentionally. 30,32 28,30 P52,P54 G (NchOD/H) N-channel open-drain I/O ports. SDA1,SDA2 I2C interface data I/O pins. This function is enabled with the I2C interface enabled for operation. While the I2C interface is operating, place the port output in the Hi-Z state (PDR = 1). 31,33 29,31 P53,P55 G (NchOD/H) N-channel open-drain I/O ports. SCL1,SCL2 I2C interface clock I/O pins. This function is enabled with the I2C interface enabled for operation. While the I2C interface is operating, place the port output in the Hi-Z state (PDR = 1). 38 to 41, 43 to 46 36 to 39, 41 to 44 P60 to P67 H (CMOS/H) General-purpose I/O ports. AN0 to AN7 A/D converter analog input pin. This function is enabled with the analog input enabled. 47,48, 53 to 58 45,46, 51 to 56 P70 to P77 I (CMOS/H) General-purpose I/O ports. IRQ0 to IRQ7 External interrupt request input pins. Since this input is used as required while external interrupts remain enabled, the output by any other function must be off unless used intentionally. 59,60 57,58 P80,P81 J (CMOS/H) General-purpose I/O ports. TIN0,TIN1 Reload timer event input pins. Since this input is used as required while the reload timer is operating for input, the output by any other function must be off unless used intentionally. 61,62 59,60 P82,P83 J (CMOS/H) General-purpose I/O ports. TOT0,TOT1 Reload timer output pins.This function is enabled with reload timer output enabled. 63 to 66 61 to 64 P84 to P87 J (CMOS/H) General-purpose I/O ports. IN0 to IN3 Input capture trigger input pins. Since this input is used as required while the input capture unit is operating for input, the output by any other function must be off unless used intentionally. 67,68 65,66 P90,P91 J (CMOS/H) General-purpose I/O ports. OUT0,OUT1 Output compare event output pins. |
Similar Part No. - MB90F553A |
|
Similar Description - MB90F553A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |