Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90487BPMC Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB90487BPMC
Description  16-bit Microcontroller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90487BPMC Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB90487BPMC Datasheet HTML 5Page - Fujitsu Component Limited. MB90487BPMC Datasheet HTML 6Page - Fujitsu Component Limited. MB90487BPMC Datasheet HTML 7Page - Fujitsu Component Limited. MB90487BPMC Datasheet HTML 8Page - Fujitsu Component Limited. MB90487BPMC Datasheet HTML 9Page - Fujitsu Component Limited. MB90487BPMC Datasheet HTML 10Page - Fujitsu Component Limited. MB90487BPMC Datasheet HTML 11Page - Fujitsu Component Limited. MB90487BPMC Datasheet HTML 12Page - Fujitsu Component Limited. MB90487BPMC Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 124 page
background image
MB90480B/485B Series
DS07-13722-11E
9
(Continued)
(Continued)
Pin No.
Pin
name
I/O
circuit
type*3
Function
QFP*1 LQFP*2
10
8
P31
E
(CMOS/H)
This is a general purpose I/O port.
A01
In non-multiplex mode, this pin functions as an external address pin.
BIN0
8/16-bit up/down timer input pin (ch.0) .
12
10
P32
E
(CMOS/H)
This is a general purpose I/O port.
A02
In non-multiplex mode, this pin functions as an external address pin.
ZIN0
8/16-bit up/down timer input pin (ch.0)
13
11
P33
E
(CMOS/H)
This is a general purpose I/O port.
A03
In non-multiplex mode, this pin functions as an external address pin.
AIN1
8/16-bit up/down timer input pin (ch.1) .
14
12
P34
E
(CMOS/H)
This is a general purpose I/O port.
A04
In non-multiplex mode, this pin functions as an external address pin.
BIN1
8/16-bit up/down timer input pin (ch.1) .
15
13
P35
E
(CMOS/H)
This is a general purpose I/O port.
A05
In non-multiplex mode, this pin functions as an external address pin.
ZIN1
8/16-bit up/down timer input pin (ch.1)
16, 17
14, 15
P36, P37
D
(CMOS)
MB90480B
series
This is a general purpose I/O port.
A06, A07
In non-multiplex mode, these pins function as external
address pins.
P36, P37
E
(CMOS/H)
MB90485B
series
This is a general purpose I/O port.
A06, A07
In non-multiplex mode, these pins function as external
address pins.
PWC0,
PWC1*4
PWC input pins
18
16
P40
G
(CMOS/H)
This is a general purpose I/O port.
A08
In non-multiplex mode, this pin functions as an external address pin.
SIN2
Extended I/O serial interface input pin.
19
17
P41
F (CMOS)
This is a general purpose I/O port.
A09
In non-multiplex mode, this pin functions as an external address pin.
SOT2
Extended I/O serial interface output pin.
20
18
P42
G
(CMOS/H)
This is a general purpose I/O port.
A10
In non-multiplex mode, this pin functions as an external address pin.
SCK2
Extended I/O serial interface clock input/output pin.


Similar Part No. - MB90487BPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90487BPMC FUJITSU-MB90487BPMC Datasheet
629Kb / 124P
   16-bit Microcontroller
More results

Similar Description - MB90487BPMC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com