Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90583C Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB90583C
Description  16-bit Proprietary Microcontroller
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90583C Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB90583C Datasheet HTML 5Page - Fujitsu Component Limited. MB90583C Datasheet HTML 6Page - Fujitsu Component Limited. MB90583C Datasheet HTML 7Page - Fujitsu Component Limited. MB90583C Datasheet HTML 8Page - Fujitsu Component Limited. MB90583C Datasheet HTML 9Page - Fujitsu Component Limited. MB90583C Datasheet HTML 10Page - Fujitsu Component Limited. MB90583C Datasheet HTML 11Page - Fujitsu Component Limited. MB90583C Datasheet HTML 12Page - Fujitsu Component Limited. MB90583C Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 112 page
background image
MB90580C Series
DS07-13710-7E
9
■ PIN DESCRIPTION
*1: FPT-100P-M06
*2: FPT-100P-M20
(Continued)
Pin no.
Pin name
Circuit
type
Function
QFP*1
LQFP*2
82
80
X0
A
Oscillator pin
83
81
X1
A
Oscillator pin
52
50
HST
C
Hardware standby input pin
77
75
RST
B
Reset input pin
85 to 92 83 to 90
P00 to
P07
D
(CMOS/H)
General-purpose I/O ports.
A pull-up resistor can be assigned (RD07 to RD00=“1”) by the pull-
up resistor setting register (RDR0). [These pins are disabled with
the output setting (DDR0 register: D07 to D00=“1”).]
AD00 to
AD07
In external bus mode, the pins function as the lower data I/O or low-
er address outputs (AD00 to AD07).
93 to
100
91 to 98
P10 to
P17
D
(CMOS/H)
General-purpose I/O ports.
A pull-up resistor can be assigned (RD17 to RD10=“1”) by the pull-
up resistor setting register (RDR1). [These pins are disabled with
the output setting (DDR1 register: D17 to D10 =“1”).]
AD08 to
AD15
In 16-bit external bus mode, the pins function as the upper data
I/O or middle address outputs (AD08 to AD15).
1 to 8
99,100,
1 to 6
P20 to
P27
F
(CMOS/H)
General-purpose I/O ports
In external bus mode, pins for which the corresponding bit in the
HACR register is “1” function as the A16 to A23 pins.
A16 to
A23
In external bus mode, pins for which the corresponding bit in the
HACR register is “1” function as the upper address output pins
(A16 to A23).
97
P30
F
(CMOS/H)
General-purpose I/O port
Functions as the ALE pin in external bus mode.
ALE
Functions as the address latch enable signal pin (ALE) in external
bus mode.
10
8
P31
F
(CMOS/H)
General-purpose I/O port
Functions as the RD pin in external bus mode.
RD
Functions as the read strobe output pin (RD) in external bus mode.
12
10
P32
F
(CMOS/H)
General-purpose I/O port
Functions as the WRL pin in external bus mode if the WRE bit is
“1”.
WRL
Functions as the lower data write strobe output pin (WRL) in
external bus mode.
13
11
P33
F
(CMOS/H)
General-purpose I/O port
Functions as the WRH pin in 16-bit external bus mode if the WRE
bit in the EPCR register is “1”
WRH
Functions as the upper data write strobe output pin (WRH) in
external bus mode.


Similar Part No. - MB90583C

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90583C FUJITSU-MB90583C Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90583C FUJITSU-MB90583C Datasheet
1Mb / 110P
   16-bit Proprietary Microcontroller
MB90583CA FUJITSU-MB90583CA Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90583CA FUJITSU-MB90583CA Datasheet
1Mb / 110P
   16-bit Proprietary Microcontroller
MB90583CAPF FUJITSU-MB90583CAPF Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90583C

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com