Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90351TEPMC Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90351TEPMC
Description  16-bit Microcontrollers
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90351TEPMC Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90351TEPMC Datasheet HTML 7Page - Fujitsu Component Limited. MB90351TEPMC Datasheet HTML 8Page - Fujitsu Component Limited. MB90351TEPMC Datasheet HTML 9Page - Fujitsu Component Limited. MB90351TEPMC Datasheet HTML 10Page - Fujitsu Component Limited. MB90351TEPMC Datasheet HTML 11Page - Fujitsu Component Limited. MB90351TEPMC Datasheet HTML 12Page - Fujitsu Component Limited. MB90351TEPMC Datasheet HTML 13Page - Fujitsu Component Limited. MB90351TEPMC Datasheet HTML 14Page - Fujitsu Component Limited. MB90351TEPMC Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
MB90350E Series
DS07-13744-4E
11
• MASK ROM products/Evaluation products
(Continued)
Part Number
Parameter
MB90356E
MB90357E
MB90356TE
MB90357TE
MB90356ES
MB90357ES
MB90356TES
MB90357TES
MB90V340E-
103
MB90V340E-
104
CPU
F2MC-16LX CPU
System clock
On-chip PLL clock multiplier (
×1, ×2, ×3, ×4, ×6, 1/2 when PLL stops)
Minimum instruction execution time : 42 ns (oscillation clock 4 MHz, PLL
× 6)
ROM
MASK ROM
64 Kbytes :MB90356E(S), MB90356TE(S)
128 Kbytes :MB90357E(S), MB90357TE(S)
External
RAM
4 Kbytes
30 Kbytes
Emulator-specific
power supply*
Yes
Sub clock pin
(X0A, X1A)
Yes
No
No
Yes
Clock supervisor
Yes
Low voltage/CPU
operation detection
reset
No
Yes
No
Yes
No
Operating
voltage range
3.5 V to 5.5 V : at normal operating (not using A/D converter)
4.0 V to 5.5 V : at using A/D converter
4.5 V to 5.5 V : at using external bus
5 V
± 10%
Operating
temperature range
−40 °C to +125 °C
Package
LQFP-64
PGA-299
LIN-UART
2 channels
5 channels
Wide range of baud rate settings using a dedicated baud rate generator (reload timer)
Special synchronous options for adapting to different synchronous serial protocols
LIN functionality working either as master or slave LIN device
I2C (400 kbps)
1 channel
2 channels
A/D converter
15 channels
24 channels
10-bit or 8-bit resolution
Conversion time : Min 3
µs includes sample time (per one channel)
16-bit reload timer
(4 channels)
Operation clock frequency : fsys/21, fsys/23, fsys/25 (fsys
= Machine clock frequency)
Supports External Event Count function.
16-bit free-run timer
(2 channels)
Free-run Timer 0 (clock input FRCK0) corresponds to
ICU 0/1.
Free-run Timer 1 (clock input FRCK1) corresponds to
ICU 4/5/6/7, OCU 4/5/6/7.
Free-run Timer 0
corresponds to ICU 0/1/2/
3, OCU 0/1/2/3.
Free-run Timer 1
corresponds to ICU 4/5/6/
7, OCU 4/5/6/7.
Signals an interrupt when overflowing.
Supports Timer Clear when a match with Output Compare (Channel 0, 4) .
Operation clock frequency : fsys, fsys/21, fsys/22, fsys/23, fsys/24, fsys/25, fsys/26, fsys/27
(fsys
= Machine clock frequency)


Similar Part No. - MB90351TEPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90351TEPMC FUJITSU-MB90351TEPMC Datasheet
899Kb / 85P
   16-bit Proprietary Microcontrollers
logo
Cypress Semiconductor
MB90351TEPMC CYPRESS-MB90351TEPMC Datasheet
3Mb / 85P
   F2MC-16LX16-bit Microcontrollers
logo
Fujitsu Component Limit...
MB90351TEPMC1 FUJITSU-MB90351TEPMC1 Datasheet
899Kb / 85P
   16-bit Proprietary Microcontrollers
logo
Cypress Semiconductor
MB90351TEPMC1 CYPRESS-MB90351TEPMC1 Datasheet
3Mb / 85P
   F2MC-16LX16-bit Microcontrollers
More results

Similar Description - MB90351TEPMC

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA80C186 INNOVASIC-IA80C186 Datasheet
22Kb / 2P
   16-BIT MICROCONTROLLERS
IA188ES INNOVASIC-IA188ES Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
logo
Freescale Semiconductor...
MC9S12DJ256FS FREESCALE-MC9S12DJ256FS Datasheet
82Kb / 2P
   16-bit Microcontrollers
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
MB90335 FUJITSU-MB90335_10 Datasheet
284Kb / 48P
   16-bit microcontrollers
logo
InnovASIC, Inc
IA186EM INNOVASIC-IA186EM Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA188EBPLC84IR2 INNOVASIC-IA188EBPLC84IR2 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com