Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90573PFV Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90573PFV
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90573PFV Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90573PFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90573PFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90573PFV Datasheet HTML 9Page - Fujitsu Component Limited. MB90573PFV Datasheet HTML 10Page - Fujitsu Component Limited. MB90573PFV Datasheet HTML 11Page - Fujitsu Component Limited. MB90573PFV Datasheet HTML 12Page - Fujitsu Component Limited. MB90573PFV Datasheet HTML 13Page - Fujitsu Component Limited. MB90573PFV Datasheet HTML 14Page - Fujitsu Component Limited. MB90573PFV Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 120 page
background image
MB90570A/570C Series
DS07-13701-9E
11
*1 : FPT-120P-M24
*2 : FPT-120P-M13, FPT-120P-M21
(Continued)
Pin no.
Pin name
Circuit
type
Function
LQFP *1
QFP *2
29 to 32
P64 to P67
F
In single chip mode these are general-purpose I/O ports. When set for
input they can be set by the pull-up resistance register (RDR6). When
set for output this setting will be invalid.
OUT0 to
OUT3
These are also the output compare ch.0 to ch.3 event output pins.
This function is valid when the respective channel(s) are enabled for
output.
35 to 37
P70 to P72
E
These are general purpose I/O ports.
40,41
P73,P74
I
These are general purpose I/O ports.
DA0,DA1
These are also the D/A converter ch.0,1 analog signal output pins.
46 to 53
P80 to P87
K
These are general purpose I/O ports.
AN0 to AN7
These are also A/D converter analog input pins. This function is valid
when analog input is enabled.
55 to 62
P90 to P97
E
These are general purpose I/O ports.
CS0 to CS7
These are also chip select signal output pins. This function is valid
when chip select signal output is enabled.
34
C
G
This is the power supply stabilization capacitor pin. It should be
connected externally to an 0.1 µF ceramic capacitor. Note that this is
not required on the FLASH model (MB90F574A) and MB90574C.
64
PA0
E
This is a general purpose I/O port.
AIN0
This pin is also used as count clock A input for 8/16-bit up-down
counter ch.0.
IRQ6
This pin can also be used as interrupt request input ch. 6.
65
PA1
E
This is a general purpose I/O port.
BIN0
This pin is also used as count clock B input for 8/16-bit up-down
counter ch.0.
66
PA2
E
This is a general purpose I/O port.
ZIN0
This pin is also used as count clock Z input for 8/16-bit up-down
counter ch.0.
67
PA3
E
This is a general purpose I/O port.
AIN1
This pin is also used as count clock A input for 8/16-bit up-down
counter ch.1.
IRQ7
This pin can also be used as interrupt request input ch.7.
68
PA4
E
This is a general purpose I/O port.
BIN1
This pin is also used as count clock B input for 8/16-bit up-down
counter ch.1.
69
PA5
E
This is a general purpose I/O port.
ZIN1
This pin is also used as count clock Z input for 8/16-bit up-down
counter ch.1.


Similar Part No. - MB90573PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90573PFV FUJITSU-MB90573PFV Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB90573PFV FUJITSU-MB90573PFV Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90573PFV FUJITSU-MB90573PFV Datasheet
2Mb / 120P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90573PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com