Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90574CPFV Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB90574CPFV
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90574CPFV Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB90574CPFV Datasheet HTML 1Page - Fujitsu Component Limited. MB90574CPFV Datasheet HTML 2Page - Fujitsu Component Limited. MB90574CPFV Datasheet HTML 3Page - Fujitsu Component Limited. MB90574CPFV Datasheet HTML 4Page - Fujitsu Component Limited. MB90574CPFV Datasheet HTML 5Page - Fujitsu Component Limited. MB90574CPFV Datasheet HTML 6Page - Fujitsu Component Limited. MB90574CPFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90574CPFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90574CPFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 120 page
background image
MB90570A/570C Series
4
DS07-13701-9E
■ PRODUCT LINEUP
(Continued)
Part number
Item
MB90573
MB90574C
MB90F574A
MB90V570A
Classification
Mask ROM products
Flash ROM products Evaluation product
ROM size
128 kbytes
256 kbytes
None
RAM size
6 kbytes
10 kbytes
CPU functions
The number of instructions: 340
Instruction bit length: 8 bits, 16 bits
Instruction length: 1 byte to 7 bytes
Data bit length: 1 bit, 8 bits, 16 bits
Minimum execution time: 62.5 ns (at machine clock of 16 MHz)
Interrupt processing time: 1.5
µs (at machine clock of 16 MHz, minimum value)
Ports
General-purpose I/O ports (CMOS output): 63
General-purpose I/O ports (with pull-up resistor): 24
General-purpose I/O ports (N-ch open-drain output): 10
Total: 97
UART0 (SCI), UART1 (SCI)
Clock synchronized transmission (62.5 kbps to 1 Mbps)
Clock asynchronized transmission (1202 bps to 9615 bps)
Transmission can be performed by bi-directional serial transmission or by
master/slave connection.
8/10-bit A/D converter
Resolution: 8/10-bit
Number of inputs: 8
One-shot conversion mode (converts selected channel only once)
Scan conversion mode (converts two or more successive channels and can
program up to 8 channels.)
Continuous conversion mode (converts selected channel continuously)
Stop conversion mode (converts selected channel and stop operation repeatedly)
8/16-bit PPG timer
Number of channels: 1 (or 8-bit
× 2 channels)
PPG operation of 8-bit or 16-bit
A pulse wave of given intervals and given duty ratios can be output.
Pulse interval: 62.5 ns to 1
µs (at oscillation of 4 MHz, machine clock of 16 MHz)
8/16-bit up/down counter/
timer
Number of channels: 1 (or 8-bit
× 2 channels)
Event input: 6 channels
8-bit up/down counter/timer used: 2 channels
8-bit re-load/compare function supported: 1 channel
16-bit
I/O timer
16-bit
free run timer
Number of channel: 1
Overflow interrupts
Output
compare
(OCU)
Number of channels: 4
Pin input factor: A match signal of compare register
Input
capture
(ICU)
Number of channels: 2
Rewriting a register value upon a pin input (rising, falling, or both edges)


Similar Part No. - MB90574CPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90574CPFV FUJITSU-MB90574CPFV Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB90574CPFV FUJITSU-MB90574CPFV Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90574CPFV FUJITSU-MB90574CPFV Datasheet
2Mb / 120P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90574CPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com