Electronic Components Datasheet Search |
|
74ACT11257DBR Datasheet(PDF) 5 Page - Texas Instruments |
|
74ACT11257DBR Datasheet(HTML) 5 Page - Texas Instruments |
5 / 13 page 74ACT11257 QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS SCAS053B – JANUARY 1989 – REVISED APRIL 1996 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION 50% VCC tPLH tPHL tPHL tPLH VOH VOH VOL VOL 1.5 V 1.5 V 3 V 0 V 50% VCC 50% VCC Input Out-of-Phase Output In-Phase Output 50% VCC VOLTAGE WAVEFORMS From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT S1 2 × VCC 500 Ω 500 Ω Output Control (low-level enabling) Output Waveform 1 S1 at 2 × VCC (see Note B) Output Waveform 2 S1 at GND (see Note B) VOL VOH tPZL tPZH tPLZ tPHZ 1.5 V 1.5 V [ VCC 0 V 50% VCC 20% VCC 50% VCC 80% VCC [ 0 V 3 V GND Open VOLTAGE WAVEFORMS tPLH/tPHL tPLZ/tPZL tPHZ/tPZH Open 2 × VCC GND TEST S1 NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns. D. The outputs are measured one at a time with one input transition per measurement. Figure 1. Load Circuit and Voltage Waveforms |
Similar Part No. - 74ACT11257DBR |
|
Similar Description - 74ACT11257DBR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |