Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-00111 Datasheet(PDF) 1 Page - Tensility International Corp.

Part # 10-00111
Description  Cable, 2000 mm, 50-00010 locking dc plug to 50-00010 locking dc plug, 18 AWG, UL2468
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

10-00111 Datasheet(HTML) 1 Page - Tensility International Corp.

  10-00111 Datasheet HTML 1Page - Tensility International Corp. 10-00111 Datasheet HTML 2Page - Tensility International Corp. 10-00111 Datasheet HTML 3Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
part number:
description:
date:
unit:
page:
rev:
ph 661.702.0035 fx 661.702.0038
29033 Avenue Sherman Ste 203 Valencia, CA 91355
www.tensility.com
05/28/09
mm
A
10-00111
Cable, 2000 mm, 50-00010 locking dc plug
to 50-00010 locking dc plug, 18 AWG,
UL2468
Specifications:
plug description (1)
Ø2.1 x 5.5 x 30 ± 0.5, black insulator, P/N 50-00010
plug overmold (2)
30P, PVC, black
cable description (3)
UL2468, 0.16 x 41 strands, twin wire
cable outer diameter
4.4 (2.2 x 2) ± 0.1
cable color
black
cable gauge
AWG #18
cable length
2000 ± 50
twist tie (4)
black, 89 ± 3
rated load
12 Vdc @ 5 A
Notes:
Function test: no open, no reversed polarity, no short circuit, no INT
Hi-POT test: 600 Vac, 0.5 mA, 1 sec.
RoHS compliant
Mechanical drawing:
tolerance
X: ±0.5 mm
.X: ±0.3 mm
.XX: ±0.05 mm
1 of 3
Initial
Date


Similar Part No. - 10-00111

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-00110 TENSILITY-10-00110 Datasheet
97Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to 50-00010 locking dc plug, 18 AWG, UL1185, shielded
10-00112 TENSILITY-10-00112 Datasheet
88Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to stripped/tinned leads, 18 AWG, UL1185, shielded
10-00113 TENSILITY-10-00113 Datasheet
84Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to stripped/tinned leads, 18 AWG, UL2468
10-00114 TENSILITY-10-00114 Datasheet
177Kb / 3P
   Cable, 2000 mm, 50-00010 right angle locking dc plug to same, 18 AWG, UL1185, shielded
10-00115 TENSILITY-10-00115 Datasheet
142Kb / 3P
   Cable, 2000 mm, 50-00010 right angle locking dc plug to stripped/tinned, 18 AWG, UL1185, shielded
More results

Similar Description - 10-00111

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-00110 TENSILITY-10-00110 Datasheet
97Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to 50-00010 locking dc plug, 18 AWG, UL1185, shielded
10-00113 TENSILITY-10-00113 Datasheet
84Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to stripped/tinned leads, 18 AWG, UL2468
10-00109 TENSILITY-10-00109 Datasheet
174Kb / 3P
   Cable, 2000 mm, 50-00010 right angle locking dc plug to same, 18 AWG, UL2468
10-00116 TENSILITY-10-00116 Datasheet
131Kb / 3P
   Cable, 2000 mm, 50-00010 right angle locking dc plug to stripped/tinned, 18 AWG, UL2468
10-00118 TENSILITY-10-00118 Datasheet
93Kb / 3P
   Cable, 2000 mm, 50-00011 locking dc plug to 50-00011 locking dc plug, 18 AWG, UL2468
10-00112 TENSILITY-10-00112 Datasheet
88Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to stripped/tinned leads, 18 AWG, UL1185, shielded
10-00114 TENSILITY-10-00114 Datasheet
177Kb / 3P
   Cable, 2000 mm, 50-00010 right angle locking dc plug to same, 18 AWG, UL1185, shielded
10-00115 TENSILITY-10-00115 Datasheet
142Kb / 3P
   Cable, 2000 mm, 50-00010 right angle locking dc plug to stripped/tinned, 18 AWG, UL1185, shielded
10-00117 TENSILITY-10-00117 Datasheet
98Kb / 3P
   Cable, 2000 mm, 50-00011 locking dc plug to 50-00011 locking dc plug, 18 AWG, UL1185, shielded
10-00122 TENSILITY-10-00122 Datasheet
176Kb / 3P
   Cable, 2000 mm, 50-00011 right angle locking dc plug to same, 18 AWG, UL2468
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com