Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-00122 Datasheet(PDF) 3 Page - Tensility International Corp.

Part # 10-00122
Description  Cable, 2000 mm, 50-00011 right angle locking dc plug to same, 18 AWG, UL2468
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

10-00122 Datasheet(HTML) 3 Page - Tensility International Corp.

  10-00122 Datasheet HTML 1Page - Tensility International Corp. 10-00122 Datasheet HTML 2Page - Tensility International Corp. 10-00122 Datasheet HTML 3Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
part number:
description:
date:
unit:
page:
rev:
ph 661.702.0035 fx 661.702.0038
29033 Avenue Sherman Ste 203 Valencia, CA 91355
www.tensility.com
05/28/09
mm
A
10-00122
Cable, 2000 mm, 50-00011 right angle lock-
ing dc plug to same, 18 AWG, UL2468
Revision notes:
Rev
Date
Description
A
May 28, 2009
initial release
3 of 3
Spec sign-off verifies that you have reviewed the entire specification, tested a sample of the product, and
confirm that it meets your requirements. This specification reflects the part as it will be ordered. Orders
will not be processed until the specification pages have been initialed and the approval page has been
signed. This specification is confidential and is not to be transmitted without prior approval from Tensility.
Signature
Title
Name
Date
Specification Approval


Similar Part No. - 10-00122

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-00120 TENSILITY-10-00120 Datasheet
84Kb / 3P
   Cable, 2000 mm, 50-00011 locking dc plug to stripped tinned leads, 18 AWG, UL2468
10-00121 TENSILITY-10-00121 Datasheet
172Kb / 3P
   Cable, 2000 mm, 50-00011 right angle locking dc plug to same, 18 AWG, UL1185, shielded
10-00123 TENSILITY-10-00123 Datasheet
142Kb / 3P
   Cable, 2000 mm, 50-00011 right angle locking dc plug to stripped/tinned, 18 AWG, UL1185, shielded
10-00124 TENSILITY-10-00124 Datasheet
131Kb / 3P
   Cable, 2000 mm, 50-00011 right angle locking dc plug to stripped tinned, 18 AWG, UL2468
More results

Similar Description - 10-00122

ManufacturerPart #DatasheetDescription
logo
Tensility International...
10-00118 TENSILITY-10-00118 Datasheet
93Kb / 3P
   Cable, 2000 mm, 50-00011 locking dc plug to 50-00011 locking dc plug, 18 AWG, UL2468
10-00124 TENSILITY-10-00124 Datasheet
131Kb / 3P
   Cable, 2000 mm, 50-00011 right angle locking dc plug to stripped tinned, 18 AWG, UL2468
10-00109 TENSILITY-10-00109 Datasheet
174Kb / 3P
   Cable, 2000 mm, 50-00010 right angle locking dc plug to same, 18 AWG, UL2468
10-00121 TENSILITY-10-00121 Datasheet
172Kb / 3P
   Cable, 2000 mm, 50-00011 right angle locking dc plug to same, 18 AWG, UL1185, shielded
10-00120 TENSILITY-10-00120 Datasheet
84Kb / 3P
   Cable, 2000 mm, 50-00011 locking dc plug to stripped tinned leads, 18 AWG, UL2468
10-00117 TENSILITY-10-00117 Datasheet
98Kb / 3P
   Cable, 2000 mm, 50-00011 locking dc plug to 50-00011 locking dc plug, 18 AWG, UL1185, shielded
10-01215 TENSILITY-10-01215 Datasheet
329Kb / 2P
   Cable, 305 mm, 5.5x2.5x7.5 mm 50-00011 locking dc plug to same, 18 AWG, UL2468 30-00007 wire
10-00116 TENSILITY-10-00116 Datasheet
131Kb / 3P
   Cable, 2000 mm, 50-00010 right angle locking dc plug to stripped/tinned, 18 AWG, UL2468
10-00111 TENSILITY-10-00111 Datasheet
93Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to 50-00010 locking dc plug, 18 AWG, UL2468
10-00123 TENSILITY-10-00123 Datasheet
142Kb / 3P
   Cable, 2000 mm, 50-00011 right angle locking dc plug to stripped/tinned, 18 AWG, UL1185, shielded
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com