Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA-354S-MM Datasheet(PDF) 2 Page - Tensility International Corp.

Part # CA-354S-MM
Description  Cable, 4 conductor, 3.5 mm plug to 3.5 mm, no ring, 6 feet, shielded, 26 AWG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

CA-354S-MM Datasheet(HTML) 2 Page - Tensility International Corp.

  CA-354S-MM Datasheet HTML 1Page - Tensility International Corp. CA-354S-MM Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
part number:
description:
date:
unit:
page:
rev:
05/11/09
mm
A1
CA-354S-M/M
Cable, 4 conductor, 3.5 mm plug to 3.5 mm,
no ring, 6 feet, shielded, 26 AWG
tolerance
.X: ±0.5 mm
.XX: ±0.2 mm
ph 661.702.0035 fx 661.702.0038
29033 Avenue Sherman Ste 203 Valencia, CA 91355
www.tensility.com
Revision notes:
Rev
Date
Description
A
January 19, 2009 Re-issue. Original specification issued by CUI; re-issued by Tensility
without any material or mechanical changes.
A1
May 11, 2009
added Tensility P/N 50-00008 to specification
2 of 2


Similar Part No. - CA-354S-MM

ManufacturerPart #DatasheetDescription
logo
Tensility International...
CA-354S TENSILITY-CA-354S Datasheet
85Kb / 2P
   Cable, 4 conductor, 3.5mm plug, no ring, to stripped/tinned, 6 feet, shielded, 26 AWG
More results

Similar Description - CA-354S-MM

ManufacturerPart #DatasheetDescription
logo
Tensility International...
CA-254S-MM TENSILITY-CA-254S-MM Datasheet
160Kb / 2P
   Cable, 4 conductor, 2.5mm plug to 2.5 mm plug, no ring, 6 feet, shielded, 26 AWG
CA-254S TENSILITY-CA-254S Datasheet
82Kb / 2P
   Cable, 4 conductor, 2.5 mm plug, no ring, to stripped & tinned, 6 feet, shielded, 26 AWG
CA-254CS-MM TENSILITY-CA-254CS-MM Datasheet
55Kb / 2P
   Cable, 4 conductor, 2.5 mm plug to 2.5 mm plug, with ring, 6 feet, shielded, 26 AWG
CA-354S TENSILITY-CA-354S Datasheet
85Kb / 2P
   Cable, 4 conductor, 3.5mm plug, no ring, to stripped/tinned, 6 feet, shielded, 26 AWG
CA-356CS TENSILITY-CA-356CS Datasheet
58Kb / 2P
   Cable, 6 conductor, 3.5mm plug, no ring, to stripped/tinned, 6 feet, shielded, 26 AWG
CA-2211 TENSILITY-CA-2211 Datasheet
119Kb / 2P
   Extension cable, 3.5 x 1.35 mm dc jack to P7 plug, 6 feet, 24 AWG, zip cord
CA-2205 TENSILITY-CA-2205 Datasheet
102Kb / 2P
   Cable, 1830 mm, 3.5 mm mono plug to stripped tinned, 24 AWG, round wire, shielded
CA-254CS TENSILITY-CA-254CS Datasheet
50Kb / 2P
   Cable, 4 conductor, 2.5mm plug to stripped/ tinned, with ring, 6 feet, shielded, 26AWG
10-00345 TENSILITY-10-00345 Datasheet
123Kb / 2P
   Cable, 1830 mm, 3.5 mm 50-00038 slim stereo plug to stripped tinned, 28 AWG, shielded
logo
CUI INC
SP-35401 CUI-SP-35401 Datasheet
143Kb / 2P
   3.5 mm STEREO PLUG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com