Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8034T Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDA8034T
Description  Smart card interface
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8034T Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA8034T Datasheet HTML 1Page - NXP Semiconductors TDA8034T Datasheet HTML 2Page - NXP Semiconductors TDA8034T Datasheet HTML 3Page - NXP Semiconductors TDA8034T Datasheet HTML 4Page - NXP Semiconductors TDA8034T Datasheet HTML 5Page - NXP Semiconductors TDA8034T Datasheet HTML 6Page - NXP Semiconductors TDA8034T Datasheet HTML 7Page - NXP Semiconductors TDA8034T Datasheet HTML 8Page - NXP Semiconductors TDA8034T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1.
General description
The TDA8034T/TDA8034AT is a cost-effective analog interface for asynchronous and
synchronous smart cards operating at 5 V or 3 V. Using few external components, the
TDA8034T/TDA8034AT provides all supply, protection and control functions between a
smart card and the microcontroller.
2.
Features and benefits
Integrated circuit smart card interface in an SO16 package
5 V or 3 V smart card supply
One protected half-duplex bidirectional buffered I/O line (C7)
VCC regulation:
5V
± 5 % or 3 V ± 5 % using two low ESR multilayer ceramic capacitors: one of
220 nF and one of 470 nF
current spikes of 40 nA/s (VCC = 5 V and 3 V) or 15 nA/s (VCC =1.8 V) up to
20 MHz, with controlled rise and fall times and filtered overload detection of
approximately 120 mA
Thermal and short-circuit protection for all card contacts
Automatic activation and deactivation sequences triggered by a short-circuit, card
take-off, overheating, falling VDD, VDD(INTF) or VDDP
Enhanced card-side ElectroStatic Discharge (ESD) protection of > 6 kV
External clock input up to 26 MHz connected to pin XTAL1
Card clock generation up to 20 MHz using pin CLKDIV1 with synchronous frequency
changes of:
1
2 fxtal or
1
4 fxtal on TDA8034T
fxtal or 12 fxtal on TDA8034AT
Non-inverted control of pin RST using pin RSTIN
Compatible with ISO 7816, NDS and EMV 4.2 payment systems
Supply supervisor for killing spikes during power on and off:
using a fixed threshold
using an external resistor bridge with threshold adjustment
Built-in debouncing on card presence contacts (typically 4.5 ms)
Multiplexed status signal using pin OFFN
3.
Applications
Pay TV
Electronic payment
TDA8034T; TDA8034AT
Smart card interface
Rev. 2.0 — 12 November 2010
Product data sheet


Similar Part No. - TDA8034T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8034HN NXP-TDA8034HN Datasheet
285Kb / 30P
   The TDA8034HN is a cost-effective analog interface for asynchronous and synchronous
Rev. 3.1-5 September 2011
TDA8034HN-C1,151 NXP-TDA8034HN-C1,151 Datasheet
285Kb / 30P
   The TDA8034HN is a cost-effective analog interface for asynchronous and synchronous
Rev. 3.1-5 September 2011
More results

Similar Description - TDA8034T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
   Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
   Smart Card Interface
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
   Smart Card Interface
Rev 1; 2/08
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
   Smart Card Interface
Rev 1; 4/13
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
   Smart Card Interface
Rev 2; 12/11
DS8024 MAXIM-DS8024 Datasheet
308Kb / 15P
   Smart Card Interface
Rev 2; 2/12
DS8313 MAXIM-DS8313 Datasheet
273Kb / 18P
   Smart Card Interface
Rev 1; 5/09
logo
Teridian Semiconductor ...
73S8024C TERIDIAN-73S8024C Datasheet
483Kb / 22P
   Smart Card Interface
April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com