Electronic Components Datasheet Search |
|
ADS1110A0IDBVT Datasheet(PDF) 2 Page - Texas Instruments |
|
|
ADS1110A0IDBVT Datasheet(HTML) 2 Page - Texas Instruments |
2 / 22 page ADS1110 SBAS276A − MARCH 2003 − REVISED NOVEMBER 2003 www.ti.com 2 ABSOLUTE MAXIMUM RATINGS(1) VDD to GND −0.3V to +6V Input Current 100mA, Momentary Input Current 10mA, Continuous Voltage to GND, VIN+, VIN− −0.3V to VDD + 0.3V Voltage to GND, SDA, SCL −0.5V to 6V Maximum Junction Temperature +150 °C Operating Temperature Range −40 °C to +125°C Storage Temperature Range −60 °C to +150°C Lead Temperature (soldering, 10s) +300 °C (1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Exposure to absolute maximum conditions for extended periods may affect device reliability. This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. PACKAGE/ORDERING INFORMATION PRODUCT I2C ADDRESS PACKAGE−LEAD PACKAGE DESIGNATOR(1) SPECIFIED TEMPERATURE RANGE PACKAGE MARKING ORDERING NUMBER TRANSPORT MEDIA, QUANTITY ADS1110 1001 000 SOT23-6 DBV −40 °C to +85°C ED0 ADS1110A0IDBVT Tape and Reel, 250 ADS1110 1001 000 SOT23-6 DBV −40 °C to +85°C ED0 ADS1110A0IDBVR Tape and Reel, 3000 ADS1110 1001 001 SOT23-6 DBV −40 °C to +85°C ED1 ADS1110A1IDBVT Tape and Reel, 250 ADS1110 1001 001 SOT23-6 DBV −40 °C to +85°C ED1 ADS1110A1IDBVR Tape and Reel, 3000 ADS1110 1001 010 SOT23-6 DBV −40 °C to +85°C ED2 ADS1110A2IDBVT Tape and Reel, 250 ADS1110 1001 010 SOT23-6 DBV −40 °C to +85°C ED2 ADS1110A2IDBVR Tape and Reel, 3000 ADS1110 1001 011 SOT23-6 DBV −40 °C to +85°C ED3 ADS1110A3IDBVT Tape and Reel, 250 ADS1110 1001 011 SOT23-6 DBV −40 °C to +85°C ED3 ADS1110A3IDBVR Tape and Reel, 3000 ADS1110 1001 100 SOT23-6 DBV −40 °C to +85°C ED4 ADS1110A4IDBVT Tape and Reel, 250 ADS1110 1001 100 SOT23-6 DBV −40 °C to +85°C ED4 ADS1110A4IDBVR Tape and Reel, 3000 ADS1110 1001 101 SOT23-6 DBV −40 °C to +85°C ED5 ADS1110A5IDBVT Tape and Reel, 250 ADS1110 1001 101 SOT23-6 DBV −40 °C to +85°C ED5 ADS1110A5IDBVR Tape and Reel, 3000 ADS1110 1001 110 SOT23-6 DBV −40 °C to +85°C ED6 ADS1110A6IDBVT Tape and Reel, 250 ADS1110 1001 110 SOT23-6 DBV −40 °C to +85°C ED6 ADS1110A6IDBVR Tape and Reel, 3000 ADS1110 1001 111 SOT23-6 DBV −40 °C to +85°C ED7 ADS1110A7IDBVT Tape and Reel, 250 ADS1110 1001 111 SOT23-6 DBV −40 °C to +85°C ED7 ADS1110A7IDBVR Tape and Reel, 3000 (1) For the most current specification and package information, refer to our web site at www.ti.com. Top View SOT23 |
Similar Part No. - ADS1110A0IDBVT |
|
Similar Description - ADS1110A0IDBVT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |