Electronic Components Datasheet Search |
|
ADS1178IPAPTG4 Datasheet(PDF) 2 Page - Texas Instruments |
|
ADS1178IPAPTG4 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 39 page ABSOLUTE MAXIMUM RATINGS ADS1174 ADS1178 SBAS373B – OCTOBER 2007 – REVISED SEPTEMBER 2008 ........................................................................................................................................ www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. over operating free-air temperature range unless otherwise noted (1) PARAMETER ADS1174, ADS1178 UNIT AVDD to AGND –0.3 to +6.0 V DVDD, IOVDD to DGND –0.3 to +3.6 V AGND to DGND –0.3 to +0.3 V 100, Momentary mA Input Current 10, Continuous mA Analog Input to AGND –0.3 to AVDD + 0.3 V Digital Input or Output to DGND –0.3 to IOVDD + 0.3 V Maximum Junction Temperature +150 °C Operating Temperature Range –40 to +125 °C Storage Temperature Range –60 to +150 °C (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied. 2 Submit Documentation Feedback Copyright © 2007–2008, Texas Instruments Incorporated Product Folder Link(s): ADS1174 ADS1178 |
Similar Part No. - ADS1178IPAPTG4 |
|
Similar Description - ADS1178IPAPTG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |