Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1146EVM-PDK Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS1146EVM-PDK
Description  Contains all support circuitry needed for the ADS1146/ADS1246
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1146EVM-PDK Datasheet(HTML) 3 Page - Texas Instruments

  ADS1146EVM-PDK Datasheet HTML 1Page - Texas Instruments ADS1146EVM-PDK Datasheet HTML 2Page - Texas Instruments ADS1146EVM-PDK Datasheet HTML 3Page - Texas Instruments ADS1146EVM-PDK Datasheet HTML 4Page - Texas Instruments ADS1146EVM-PDK Datasheet HTML 5Page - Texas Instruments ADS1146EVM-PDK Datasheet HTML 6Page - Texas Instruments ADS1146EVM-PDK Datasheet HTML 7Page - Texas Instruments ADS1146EVM-PDK Datasheet HTML 8Page - Texas Instruments ADS1146EVM-PDK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
1
EVM Overview
1.1
Features
1.2
Introduction
www.ti.com
EVM Overview
ADS1146EVM/ADS1246EVM Features:
• Contains all support circuitry needed for the ADS1146/ADS1246
• ±2.5V and +5V power supply options for ADC
• Voltage reference options: external or onboard
• Compatible with the TI Modular EVM System
ADS1146EVM-PDK/ADS1246EVM-PDK Features:
• Easy-to-use evaluation software for Microsoft® Windows® XP
• Data collection to text files
• Built-in analysis tools including scope, FFT, and histogram displays
• Complete control of board settings
• Easily expandable with new analysis plug-in tools from Texas Instruments
For use with a computer, the ADS1146EVM-PDK or ADS1246EVM-PDK is available. This kit combines
the ADS1146/ADS1246EVM board with the MSP430-based MMB3 motherboard, and includes ADCPro™
software for evaluation.
The MMB3 motherboard allows the ADS1146/ADS1246EVM to be connected to the computer via an
available USB port. This manual shows how to use the MMB3 as part of the
ADS1146EVM-PDK/ADS1246EVM-PDK, but does not provide technical details about the MMB3 itself.
ADCPro is a program for collecting, recording, and analyzing data from ADC evaluation boards. It is based
on a number of plug-in programs, so it can be expanded easily with new test and data collection plug-ins.
The ADS1146EVM-PDK/ADS1246EVM-PDK is controlled by a plug-in running in ADCPro. For more
information about ADCPro, see the ADCPro™ Analog-to-Digital Converter Evalutation Software User's
Guide (literature number SBAU128), available for download from the TI web site.
This manual covers the operation of both the ADS1146/ADS1246EVM and the
ADS1146EVM-PDK/ADS1246EVM-PDK. Throughout this document, the abbreviation EVM and the term
evaluation module are synonymous with the ADS1146/ADS1246EVM. For clarity of reading, the rest of
this manual will refer only to the ADS1246EVM or ADS1246EVM-PDK, but operation of the EVM and kit
for the ADS1146 is identical, unless otherwise noted.
The ADS1246EVM is an evaluation module built to the TI Modular EVM System specification. It can be
connected to any modular EVM system interface card.
The ADS1246EVM is available as a stand-alone printed circuit board (PCB) or as part of the
ADS1246EVM-PDK, which includes an MMB3 motherboard and software. As a stand-alone PCB, the
ADS1246EVM is useful for prototyping designs and firmware.
Note that the ADS1246EVM has no microprocessor and cannot run software. To connect it to a computer,
some type of interface is required.
SBAU149A – June 2009 – Revised July 2009
ADS1146EVM, ADS1246EVM, ADS1146EVM-PDK, ADS1246EVM-PDK
3
Submit Documentation Feedback


Similar Part No. - ADS1146EVM-PDK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1146 TI-ADS1146 Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146 Datasheet
781Kb / 54P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
ADS1146 TI1-ADS1146 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146 Datasheet
1Mb / 67P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146IPW TI-ADS1146IPW Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
More results

Similar Description - ADS1146EVM-PDK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS79XXEVM TI1-ADS79XXEVM Datasheet
1Mb / 32P
[Old version datasheet]   Contains all support circuitry needed
ADS1174EVM TI1-ADS1174EVM Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
ADS1148EVM TI1-ADS1148EVM Datasheet
1Mb / 34P
[Old version datasheet]   Contains all support circuitry needed for the ADS1148/ADS1248
logo
Altera Corporation
DE2-115 ALTERA-DE2-115 Datasheet
8Mb / 116P
   The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
logo
Silicon Laboratories
SI1102EK SILABS-SI1102EK Datasheet
654Kb / 3P
   The Si1102 Evaluation Kit contains the following items
Rev. 0.1 10/09
logo
Texas Instruments
DAC5573EVM TI-DAC5573EVM Datasheet
323Kb / 26P
[Old version datasheet]   This document contains the following chapters
logo
Tyco Electronics
408-4785 MACOM-408-4785 Datasheet
97Kb / 2P
   This instruction sheet contains the assembly
logo
Zilog, Inc.
Z51F0811 ZILOG-Z51F0811 Datasheet
1Mb / 52P
   The Z51F0811 Evaluation Board contains the following components
logo
PHOENIX CONTACT
2702132 PHOENIX-2702132 Datasheet
128Kb / 10P
   The bus coupler for the PROFIBUS has 4 digital outputs and 8 digital inputs. This package contains all the necessary Inline connectors for connecting the supply and the I/Os.
logo
EM Microelectronic - MA...
EMDB65XX EMMICRO-EMDB65XX Datasheet
979Kb / 9P
   This board contains the different MFP?셲
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com