Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G0832DCKRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74LVC1G0832DCKRG4
Description  SINGLE 3-INPUT POSITIVE AND-OR GATE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G0832DCKRG4 Datasheet(HTML) 1 Page - Texas Instruments

  74LVC1G0832DCKRG4 Datasheet HTML 1Page - Texas Instruments 74LVC1G0832DCKRG4 Datasheet HTML 2Page - Texas Instruments 74LVC1G0832DCKRG4 Datasheet HTML 3Page - Texas Instruments 74LVC1G0832DCKRG4 Datasheet HTML 4Page - Texas Instruments 74LVC1G0832DCKRG4 Datasheet HTML 5Page - Texas Instruments 74LVC1G0832DCKRG4 Datasheet HTML 6Page - Texas Instruments 74LVC1G0832DCKRG4 Datasheet HTML 7Page - Texas Instruments 74LVC1G0832DCKRG4 Datasheet HTML 8Page - Texas Instruments 74LVC1G0832DCKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
DBV PACKAGE
(TOP VIEW)
6
5
1
C
V
CC
A
2
GND
3
4
B
Y
DCK PACKAGE
(TOP VIEW)
2
GND
3
4
B
C
V
CC
6
5
A
Y
1
YZP PACKAGE
(BOTTOM VIEW)
2
GND
C
V
CC
1 6
5
A
B
4
3
Y
DESCRIPTION/ORDERING INFORMATION
SN74LVC1G0832
SINGLE 3-INPUT POSITIVE AND-OR GATE
SCES606C – SEPTEMBER 2004 – REVISED JANUARY 2007
• Available in the Texas Instruments
NanoFree™ Package
• Supports 5-V V
CC Operation
• Inputs Accept Voltages to 5.5 V
• Max t
pd of 5 ns at 3.3 V
• Low Power Consumption, 10-µA Max I
CC
• ±24-mA Output Drive at 3.3 V
• Input Hysteresis Allows Slow Input
Transition and Better Switching Noise
Immunity at the Input
(Vhys = 250 mV Typ @ 3.3 V)
• Can Be Used in Three Combinations:
AND-OR Gate
AND Gate
OR Gate
• I
off Supports Partial-Power-Down Mode
Operation
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
2000-V Human-Body Model (A114-A)
200-V Machine Model (A115-A)
1000-V Charged-Device Model (C101)
This device is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1G0832 is a single 3-input positive AND-OR gate. It performs the Boolean function Y = (A
• B ) +
C in positive logic.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoFree™ – WCSP (DSBGA)
Reel of 3000
SN74LVC1G0832YZPR
_ _ _DC_
0.23-mm Large Bump – YZP (Pb-free)
Reel of 3000
SN74LVC1G0832DBVR
SOT (SOT-23) – DBV
CDC_
–40
°C to 85°C
Reel of 250
SN74LVC1G0832DBVT
Reel of 3000
SN74LVC1G0832DCKR
SOT (SC-70) – DCK
DC_
Reel of 250
SN74LVC1G0832DCKT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 74LVC1G0832DCKRG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G08 PHILIPS-74LVC1G08 Datasheet
85Kb / 15P
   Single 2-input AND gate
2004 Sep 15
74LVC1G08 NXP-74LVC1G08 Datasheet
87Kb / 14P
   Single 2-input AND gate
Rev. 10-29 June 2012
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08 DIODES-74LVC1G08 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
NXP Semiconductors
74LVC1G08 NXP-74LVC1G08 Datasheet
354Kb / 19P
   Single 2-input AND gate
Rev. 10-29 June 2012
More results

Similar Description - 74LVC1G0832DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G3208 TI-SN74LVC1G3208 Datasheet
285Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G0832 TI-SN74LVC1G0832 Datasheet
281Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND-OR GATE
SN74LVC1G3208 TI-SN74LVC1G3208_09 Datasheet
607Kb / 16P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G3208-Q1 TI1-SN74LVC1G3208-Q1 Datasheet
380Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G3208-EP TI1-SN74LVC1G3208-EP Datasheet
813Kb / 15P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G3208 TI-SN74LVC1G3208_08 Datasheet
489Kb / 15P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G332 TI1-SN74LVC1G332_16 Datasheet
1Mb / 26P
[Old version datasheet]   Single 3-Input Positive-OR Gate
SN74LVC1G332 TI-SN74LVC1G332 Datasheet
253Kb / 11P
[Old version datasheet]   SINGLE 3 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11_15 Datasheet
191Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11-EP TI1-SN74LVC1G11-EP_16 Datasheet
838Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com