Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVCH2T45 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVCH2T45
Description  Dual supply translating transceiver; 3-state
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH2T45 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVCH2T45 Datasheet HTML 3Page - NXP Semiconductors 74LVCH2T45 Datasheet HTML 4Page - NXP Semiconductors 74LVCH2T45 Datasheet HTML 5Page - NXP Semiconductors 74LVCH2T45 Datasheet HTML 6Page - NXP Semiconductors 74LVCH2T45 Datasheet HTML 7Page - NXP Semiconductors 74LVCH2T45 Datasheet HTML 8Page - NXP Semiconductors 74LVCH2T45 Datasheet HTML 9Page - NXP Semiconductors 74LVCH2T45 Datasheet HTML 10Page - NXP Semiconductors 74LVCH2T45 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 20 August 2010
7 of 36
NXP Semiconductors
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
Table 8.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Max
Min
Max
VIH
HIGH-level
input voltage
data input
[1]
VCCI = 1.2 V
0.8VCCI
-0.8VCCI
-V
VCCI = 1.4 V to 1.95 V
0.65VCCI
-0.65VCCI
-V
VCCI = 2.3 V to 2.7 V
1.7
-
1.7
-
V
VCCI = 3.0 V to 3.6 V
2.0
-
2.0
-
V
VCCI = 4.5 V to 5.5 V
0.7VCCI
-0.7VCCI
-V
DIR input
VCCI = 1.2 V
0.8VCC(A)
-0.8VCC(A)
-V
VCCI = 1.4 V to 1.95 V
0.65VCC(A)
-0.65VCC(A)
-V
VCCI = 2.3 V to 2.7 V
1.7
-
1.7
-
V
VCCI = 3.0 V to 3.6 V
2.0
-
2.0
-
V
VCCI = 4.5 V to 5.5 V
0.7VCC(A)
-0.7VCC(A)
-V
VIL
LOW-level
input voltage
data input
[1]
VCCI = 1.2 V
-
0.2VCCI
-0.2VCCI
V
VCCI = 1.4 V to 1.95 V
-
0.35VCCI
-0.35VCCI
V
VCCI = 2.3 V to 2.7 V
-
0.7
-
0.7
V
VCCI = 3.0 V to 3.6 V
-
0.8
-
0.8
V
VCCI = 4.5 V to 5.5 V
-
0.3VCCI
-0.3VCCI
V
DIR input
VCCI = 1.2 V
-
0.2VCC(A)
-0.2VCC(A) V
VCCI = 1.4 V to 1.95 V
-
0.35VCC(A)
-
0.35VCC(A) V
VCCI = 2.3 V to 2.7 V
-
0.7
-
0.7
V
VCCI = 3.0 V to 3.6 V
-
0.8
-
0.8
V
VCCI = 4.5 V to 5.5 V
-
0.3VCC(A)
-0.3VCC(A) V
VOH
HIGH-level
output voltage
VI = VIH
IO = −100 μA;
VCCO = 1.2 V to 4.5 V
[2]
VCCO − 0.1
-
VCCO − 0.1
-
V
IO = −6mA; VCCO = 1.4 V
1.0
-
1.0
-
V
IO = −8mA; VCCO = 1.65 V
1.2
-
1.2
-
V
IO = −12 mA; VCCO = 2.3 V
1.9
-
1.9
-
V
IO = −24 mA; VCCO = 3.0 V
2.4
-
2.4
-
V
IO = −32 mA; VCCO = 4.5 V
3.8
-
3.8
-
V


Similar Part No. - 74LVCH2T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVCH2T45 NXP-74LVCH2T45 Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Diodes Incorporated
74LVCH2T45 DIODES-74LVCH2T45 Datasheet
842Kb / 16P
   DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2021 Rev. 1 - 2
logo
Nexperia B.V. All right...
74LVCH2T45-Q100 NEXPERIA-74LVCH2T45-Q100 Datasheet
377Kb / 30P
   Dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVCH2T45DC NXP-74LVCH2T45DC Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Nexperia B.V. All right...
74LVCH2T45DC NEXPERIA-74LVCH2T45DC Datasheet
418Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
More results

Similar Description - 74LVCH2T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVCH1T45 NXP-74AVCH1T45_09 Datasheet
124Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
logo
NXP Semiconductors
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74AVCH1T45 NXP-74AVCH1T45 Datasheet
789Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 01-25 October 2007
logo
Nexperia B.V. All right...
74LVC1T45-Q100 NEXPERIA-74LVC1T45-Q100 Datasheet
349Kb / 28P
   Dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC1T45 PHILIPS-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC_LVCH1T45 PHILIPS-74LVC_LVCH1T45_15 Datasheet
292Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 6-6 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com