Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM26420YSQX Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM26420YSQX
Description  Dual 2.0A, High Frequency Synchronous Step-Down DC-DC Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26420YSQX Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM26420YSQX Datasheet HTML 5Page - National Semiconductor (TI) LM26420YSQX Datasheet HTML 6Page - National Semiconductor (TI) LM26420YSQX Datasheet HTML 7Page - National Semiconductor (TI) LM26420YSQX Datasheet HTML 8Page - National Semiconductor (TI) LM26420YSQX Datasheet HTML 9Page - National Semiconductor (TI) LM26420YSQX Datasheet HTML 10Page - National Semiconductor (TI) LM26420YSQX Datasheet HTML 11Page - National Semiconductor (TI) LM26420YSQX Datasheet HTML 12Page - National Semiconductor (TI) LM26420YSQX Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
//htmlimg2.alldatasheet.net/htmldatasheet2/394351/NSC/LM26420YSQX/570/9/LM26420YSQX.png


Similar Part No. - LM26420YSQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM26420YSQX/NOPB TI1-LM26420YSQX/NOPB Datasheet
1Mb / 47P
[Old version datasheet]   Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
More results

Similar Description - LM26420YSQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2832 NSC-LM2832 Datasheet
893Kb / 27P
   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
BCD Semiconductor Manuf...
AP3431 BCDSEMI-AP3431 Datasheet
1Mb / 19P
   1.0MHz, 2.0A, Synchronous Step Down DC-DC Converter
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Semtech Corporation
SC197 SEMTECH-SC197 Datasheet
1Mb / 20P
   3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator
logo
Linear Technology
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Micrel Semiconductor
MIC2238 MICREL-MIC2238 Datasheet
786Kb / 16P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com