Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD12VS1UA Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PESD12VS1UA
Description  Unidirectional ESD protection for transient voltage suppression
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD12VS1UA Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PESD12VS1UA Datasheet HTML 6Page - NXP Semiconductors PESD12VS1UA Datasheet HTML 7Page - NXP Semiconductors PESD12VS1UA Datasheet HTML 8Page - NXP Semiconductors PESD12VS1UA Datasheet HTML 9Page - NXP Semiconductors PESD12VS1UA Datasheet HTML 10Page - NXP Semiconductors PESD12VS1UA Datasheet HTML 11Page - NXP Semiconductors PESD12VS1UA Datasheet HTML 12Page - NXP Semiconductors PESD12VS1UA Datasheet HTML 13Page - NXP Semiconductors PESD12VS1UA Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PESD5V0S1UA_PESD12VS1UA_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 9 February 2009
10 of 14
NXP Semiconductors
PESD5V0S1UA; PESD12VS1UA
Unidirectional ESD protection for transient voltage suppression
9.
Test information
9.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard
Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
10. Package outline
11. Packing information
[1]
For further information and the availability of packing methods, see Section 15.
Fig 10. Package outline PESDxS1UA (SOD323/SC-76)
03-12-17
Dimensions in mm
0.25
0.10
0.45
0.15
2.7
2.3
1.8
1.6
0.40
0.25
1.1
0.8
1.35
1.15
1
2
Table 11.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
PESD5V0S1UA SOD323
4 mm pitch, 8 mm tape and reel
-115
-135
PESD12VS1UA


Similar Part No. - PESD12VS1UA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD12VS1UA NEXPERIA-PESD12VS1UA Datasheet
662Kb / 14P
   Unidirectional ESD protection for transient voltage suppression
Rev. 01 - 9 February 2009
logo
Guangdong Youtai Semico...
PESD12VS1UA UMW-PESD12VS1UA Datasheet
445Kb / 4P
   Transient Voltage Suppression (TVS)
logo
Nexperia B.V. All right...
PESD12VS1UA-Q NEXPERIA-PESD12VS1UA-Q Datasheet
242Kb / 12P
   Unidirectional ESD protection for transient voltage suppression
13 June 2022
More results

Similar Description - PESD12VS1UA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0S1UJ NEXPERIA-PESD5V0S1UJ Datasheet
659Kb / 14P
   Unidirectional ESD protection for transient voltage suppression
Rev. 01 - 3 June 2009
PESD5V0S1UA NEXPERIA-PESD5V0S1UA Datasheet
662Kb / 14P
   Unidirectional ESD protection for transient voltage suppression
Rev. 01 - 9 February 2009
PESD12VS1UA-Q NEXPERIA-PESD12VS1UA-Q Datasheet
242Kb / 12P
   Unidirectional ESD protection for transient voltage suppression
13 June 2022
PESD12VS1UJ-Q NEXPERIA-PESD12VS1UJ-Q Datasheet
228Kb / 11P
   Unidirectional ESD protection for transient voltage suppression
13 June 2022
logo
NXP Semiconductors
PESD5V0S1UJ NXP-PESD5V0S1UJ Datasheet
104Kb / 14P
   Unidirectional ESD protection for transient voltage suppression
Rev. 01-3 June 2009
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com