Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0S1UJ Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PESD5V0S1UJ
Description  Unidirectional ESD protection for transient voltage suppression
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0S1UJ Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PESD5V0S1UJ Datasheet HTML 4Page - NXP Semiconductors PESD5V0S1UJ Datasheet HTML 5Page - NXP Semiconductors PESD5V0S1UJ Datasheet HTML 6Page - NXP Semiconductors PESD5V0S1UJ Datasheet HTML 7Page - NXP Semiconductors PESD5V0S1UJ Datasheet HTML 8Page - NXP Semiconductors PESD5V0S1UJ Datasheet HTML 9Page - NXP Semiconductors PESD5V0S1UJ Datasheet HTML 10Page - NXP Semiconductors PESD5V0S1UJ Datasheet HTML 11Page - NXP Semiconductors PESD5V0S1UJ Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PESD5V0S1UJ_PESD12VS1UJ_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 3 June 2009
8 of 14
NXP Semiconductors
PESD5V0S1UJ; PESD12VS1UJ
Unidirectional ESD protection for transient voltage suppression
Fig 8.
ESD clamping test setup and waveforms
006aab532
50
RZ
CZ
DUT
(DEVICE
UNDER
TEST)
GND
450
RG 223/U
50
Ω coax
ESD TESTER
acc. to IEC 61000-4-2
CZ = 150 pF; RZ = 330 Ω
4 GHz DIGITAL
OSCILLOSCOPE
10
×
ATTENUATOR
unclamped +8 kV ESD pulse waveform
(IEC 61000-4-2 network)
clamped
−8 kV ESD pulse waveform
(IEC 61000-4-2 network)
vertical scale = 10 A/div
horizontal scale = 15 ns/div
GND
unclamped
−8 kV ESD pulse waveform
(IEC 61000-4-2 network)
vertical scale = 10 A/div
horizontal scale = 15 ns/div
clamped +8 kV ESD pulse waveform
(IEC 61000-4-2 network)
vertical scale = 10 V/div
horizontal scale = 10 ns/div
vertical scale = 10 V/div
horizontal scale = 10 ns/div
PESD5V0S1UJ
PESD12VS1UJ
PESD12VS1UJ
PESD5V0S1UJ


Similar Part No. - PESD5V0S1UJ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0S1UJ NEXPERIA-PESD5V0S1UJ Datasheet
659Kb / 14P
   Unidirectional ESD protection for transient voltage suppression
Rev. 01 - 3 June 2009
logo
Guangdong Youtai Semico...
PESD5V0S1UJ UMW-PESD5V0S1UJ Datasheet
374Kb / 6P
   Transient Voltage Suppression (TVS) protection of one line
More results

Similar Description - PESD5V0S1UJ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0S1UJ NEXPERIA-PESD5V0S1UJ Datasheet
659Kb / 14P
   Unidirectional ESD protection for transient voltage suppression
Rev. 01 - 3 June 2009
PESD5V0S1UA NEXPERIA-PESD5V0S1UA Datasheet
662Kb / 14P
   Unidirectional ESD protection for transient voltage suppression
Rev. 01 - 9 February 2009
PESD12VS1UA-Q NEXPERIA-PESD12VS1UA-Q Datasheet
242Kb / 12P
   Unidirectional ESD protection for transient voltage suppression
13 June 2022
PESD12VS1UJ-Q NEXPERIA-PESD12VS1UJ-Q Datasheet
228Kb / 11P
   Unidirectional ESD protection for transient voltage suppression
13 June 2022
logo
NXP Semiconductors
PESD5V0S1UA NXP-PESD5V0S1UA Datasheet
107Kb / 14P
   Unidirectional ESD protection for transient voltage suppression
Rev. 01-9 February 2009
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com