Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0S1UJ Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PESD5V0S1UJ
Description  Unidirectional ESD protection for transient voltage suppression
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0S1UJ Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PESD5V0S1UJ Datasheet HTML 5Page - NXP Semiconductors PESD5V0S1UJ Datasheet HTML 6Page - NXP Semiconductors PESD5V0S1UJ Datasheet HTML 7Page - NXP Semiconductors PESD5V0S1UJ Datasheet HTML 8Page - NXP Semiconductors PESD5V0S1UJ Datasheet HTML 9Page - NXP Semiconductors PESD5V0S1UJ Datasheet HTML 10Page - NXP Semiconductors PESD5V0S1UJ Datasheet HTML 11Page - NXP Semiconductors PESD5V0S1UJ Datasheet HTML 12Page - NXP Semiconductors PESD5V0S1UJ Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PESD5V0S1UJ_PESD12VS1UJ_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 3 June 2009
9 of 14
NXP Semiconductors
PESD5V0S1UJ; PESD12VS1UJ
Unidirectional ESD protection for transient voltage suppression
8.
Application information
PESD5V0S1UJ and PESD12VS1UJ are designed for the protection of one unidirectional
data or signal line from the damage caused by ESD and transient overvoltage.
The devices may be used on lines where the signal polarities are either positive or
negative with respect to ground.
The PESD5V0S1UJ provides a surge capability of 890 W and the PESD12VS1UJ
provides a surge capability of 600 W per line for an 8/20
µs waveform.
Circuit board layout and protection device placement
Circuit board layout is critical for the suppression of ESD and Electrical Fast
Transient (EFT). The following guidelines are recommended:
1. Place the device as close to the input terminal or connector as possible.
2. The path length between the device and the protected line should be minimized.
3. Keep parallel signal paths to a minimum.
4. Avoid running protected conductors in parallel with unprotected conductors.
5. Minimize all Printed-Circuit Board (PCB) conductive loops including power and
ground loops.
6. Minimize the length of the transient return path to ground.
7. Avoid using shared transient return paths to a common ground point.
8. Ground planes should be used whenever possible. For multilayer PCBs, use ground
vias.
Fig 9.
Application diagram
006aab251
GND
line to be protected
(positive signal polarity)
DUT
unidirectional protection of one line
GND
line to be protected
(negative signal polarity)
DUT


Similar Part No. - PESD5V0S1UJ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0S1UJ NEXPERIA-PESD5V0S1UJ Datasheet
659Kb / 14P
   Unidirectional ESD protection for transient voltage suppression
Rev. 01 - 3 June 2009
logo
Guangdong Youtai Semico...
PESD5V0S1UJ UMW-PESD5V0S1UJ Datasheet
374Kb / 6P
   Transient Voltage Suppression (TVS) protection of one line
More results

Similar Description - PESD5V0S1UJ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0S1UJ NEXPERIA-PESD5V0S1UJ Datasheet
659Kb / 14P
   Unidirectional ESD protection for transient voltage suppression
Rev. 01 - 3 June 2009
PESD5V0S1UA NEXPERIA-PESD5V0S1UA Datasheet
662Kb / 14P
   Unidirectional ESD protection for transient voltage suppression
Rev. 01 - 9 February 2009
PESD12VS1UA-Q NEXPERIA-PESD12VS1UA-Q Datasheet
242Kb / 12P
   Unidirectional ESD protection for transient voltage suppression
13 June 2022
PESD12VS1UJ-Q NEXPERIA-PESD12VS1UJ-Q Datasheet
228Kb / 11P
   Unidirectional ESD protection for transient voltage suppression
13 June 2022
logo
NXP Semiconductors
PESD5V0S1UA NXP-PESD5V0S1UA Datasheet
107Kb / 14P
   Unidirectional ESD protection for transient voltage suppression
Rev. 01-9 February 2009
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com