Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG3002EJ Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMEG3002EJ
Description  200 mA low VF MEGA Schottky barrier rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG3002EJ Datasheet(HTML) 2 Page - NXP Semiconductors

  PMEG3002EJ Datasheet HTML 1Page - NXP Semiconductors PMEG3002EJ Datasheet HTML 2Page - NXP Semiconductors PMEG3002EJ Datasheet HTML 3Page - NXP Semiconductors PMEG3002EJ Datasheet HTML 4Page - NXP Semiconductors PMEG3002EJ Datasheet HTML 5Page - NXP Semiconductors PMEG3002EJ Datasheet HTML 6Page - NXP Semiconductors PMEG3002EJ Datasheet HTML 7Page - NXP Semiconductors PMEG3002EJ Datasheet HTML 8Page - NXP Semiconductors PMEG3002EJ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PMEG3002EJ_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 15 May 2009
2 of 13
NXP Semiconductors
PMEG3002EJ
200 mA low VF MEGA Schottky barrier rectifier
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
4.
Marking
5.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
2
1
sym001
12
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PMEG3002EJ
SC-90
plastic surface-mounted package; 2 leads
SOD323F
Table 4.
Marking codes
Type number
Marking code
PMEG3002EJ
1M
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
Tj =25 °C
-
30
V
IF(AV)
average forward current
square wave;
δ = 0.5;
f=20kHz
Tamb ≤ 135 °C
[1] -
0.2
A
Tsp ≤ 145 °C
-
0.2
A
IFRM
repetitive peak forward
current
tp ≤ 1 ms;
δ≤ 0.25
-
2.6
A
IFSM
non-repetitive peak
forward current
square wave;
tp =8ms
[2] -
2.75
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[3][4] -
385
mW
[3][5] -
695
mW
[3][1] -
1045
mW


Similar Part No. - PMEG3002EJ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3002EJ NEXPERIA-PMEG3002EJ Datasheet
218Kb / 14P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01 - 15 May 2009
logo
NXP Semiconductors
PMEG3002EJ PHILIPS-PMEG3002EJ_15 Datasheet
103Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
More results

Similar Description - PMEG3002EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3002EJ PHILIPS-PMEG3002EJ_15 Datasheet
103Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
logo
Nexperia B.V. All right...
PMEG4002EJ NEXPERIA-PMEG4002EJ Datasheet
218Kb / 14P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01 - 15 May 2009
RB521S30 NEXPERIA-RB521S30 Datasheet
235Kb / 11P
   200 mA low Vf MEGA Schottky barrier rectifier
7 April 2021
logo
NXP Semiconductors
RB521S30 NXP-RB521S30 Datasheet
258Kb / 12P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-6 October 2009
logo
Nexperia B.V. All right...
PMEG3002EJ NEXPERIA-PMEG3002EJ Datasheet
218Kb / 14P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01 - 15 May 2009
logo
NXP Semiconductors
RB520CS3002L PHILIPS-RB520CS3002L_15 Datasheet
204Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
25 June 2013
RB520S30 NXP-RB520S30 Datasheet
267Kb / 12P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-6 October 2009
logo
Nexperia B.V. All right...
RB520CS3002L NEXPERIA-RB520CS3002L Datasheet
689Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG6002EJ NXP-PMEG6002EJ Datasheet
104Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
PMEG4002EJ NXP-PMEG4002EJ Datasheet
103Kb / 13P
   200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com