Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7144HL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA7144HL
Description  Quadruple video input processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAA7144HL Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA7144HL Datasheet HTML 1Page - NXP Semiconductors SAA7144HL Datasheet HTML 2Page - NXP Semiconductors SAA7144HL Datasheet HTML 3Page - NXP Semiconductors SAA7144HL Datasheet HTML 4Page - NXP Semiconductors SAA7144HL Datasheet HTML 5Page - NXP Semiconductors SAA7144HL Datasheet HTML 6Page - NXP Semiconductors SAA7144HL Datasheet HTML 7Page - NXP Semiconductors SAA7144HL Datasheet HTML 8Page - NXP Semiconductors SAA7144HL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
9397 750 14454
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 21 April 2005
2 of 64
Philips Semiconductors
SAA7144HL
Quadruple video input processor
2.
Features
2.1 General
s Four stand alone video decoder instances (A, B, C, D) with two selectable CVBS video
inputs each and digital video outputs
s Programming register mapping identical to SAA7113H
s Small package (LQFP128)
s Requires only one crystal (24.576 MHz) for all standards shared by all video decoder
instances
s CMOS 3.3 V device with 5 V tolerant digital inputs and I/O ports
s All four decoder instances are I2C-bus controlled. Two decoder instances share one
I2C-bus interface (full read-back ability by an external controller, bit rate up to
400 kbit/s).
2.2 Features of each of the four video decoder instances A, B, C and D
s Two analog CVBS inputs with internal analog source selectors
s One analog preprocessing channel in differential CMOS style with built-in analog
anti-aliasing filter
s Fully programmable static gain or automatic gain control for the selected CVBS
channel
s Switchable white peak control
s Line-locked system clock frequencies
s Digital PLL for horizontal sync processing and clock generation, horizontal and vertical
sync detection
s Automatic detection of 50 Hz and 60 Hz field frequency and automatic switching
between PAL and NTSC standards
s Luminance and chrominance signal processing for PAL BGHI, PAL N,
combination PAL N, PAL M, NTSC M, NTSC N, NTSC 4.43, NTSC Japan and SECAM
s User programmable luminance peaking or aperture correction
s Cross-color reduction for NTSC by chrominance comb filtering
s PAL delay line for correcting PAL phase errors
s Brightness Contrast Saturation (BCS) and hue control on-chip
s Multistandard VBI data slicer decoding World Standard Teletext (WST), North
American Broadcast Text System (NABTS), closed caption, Wide Screen Signalling
(WSS), Video Programming System (VPS), Vertical Interval Time Code (VITC)
variants (EBU/SMPTE), etc.
s Standard ITU-R BT 656 Y-CB-CR 4 : 2 : 2 format (8-bit) on VPO output bus
s Enhanced ITU-R BT 656 output format on VPO output bus containing:
x Active video
x Decoded VBI data
s Boundary scan test circuit complies with the “IEEE Std. 1149.b1 - 1994”.
3.
Applications
s Surveillance application.


Similar Part No. - SAA7144HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7140A PHILIPS-SAA7140A Datasheet
432Kb / 68P
   High Performance Scaler HPS
1996 Sep 04
SAA7140B PHILIPS-SAA7140B Datasheet
432Kb / 68P
   High Performance Scaler HPS
1996 Sep 04
SAA7145 PHILIPS-SAA7145 Datasheet
438Kb / 50P
   PCI Multimedia Bridge
November 30, 1995
SAA7146A PHILIPS-SAA7146A Datasheet
645Kb / 144P
   Multimedia bridge, high performance Scaler and PCI circuit SPCI
1998 Apr 09
SAA7146AH PHILIPS-SAA7146AH Datasheet
645Kb / 144P
   Multimedia bridge, high performance Scaler and PCI circuit SPCI
1998 Apr 09
More results

Similar Description - SAA7144HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7111 PHILIPS-SAA7111 Datasheet
403Kb / 64P
   Video Input Processor VIP
1998 May 15
PNX2000 PHILIPS-PNX2000 Datasheet
244Kb / 31P
   Audio video input processor
Rev. 03-23 August 2004
SAA7113H PHILIPS-SAA7113H Datasheet
279Kb / 80P
   9-bit video input processor
1999 Jul 01
SAF7113H PHILIPS-SAF7113H Datasheet
281Kb / 80P
   9-bit video input processor
2000 May 08
logo
List of Unclassifed Man...
GS9020 ETC1-GS9020 Datasheet
269Kb / 30P
   Serial Digital Video Input Processor
logo
NXP Semiconductors
SAA7111A PHILIPS-SAA7111A Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
logo
List of Unclassifed Man...
TDA9045 ETC-TDA9045 Datasheet
183Kb / 5P
   VIDEO PROCESSOR AND INPUT SELECTOR
logo
Siemens Semiconductor G...
SDA5248 SIEMENS-SDA5248 Datasheet
2Mb / 65P
   VIDEO PROCESSOR
logo
NXP Semiconductors
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
   Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
logo
Hynix Semiconductor
GDC21D701C HYNIX-GDC21D701C Datasheet
540Kb / 67P
   Video Display Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com