Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54216IRUZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL54216IRUZ-T
Description  USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54216IRUZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL54216IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54216IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54216IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54216IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54216IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54216IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54216IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54216IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54216IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
FN7701.0
September 27, 2010
Absolute Maximum Ratings
Thermal Information
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 5.5V
Input Voltages
1D+, 1D-, 2D+, 2D-, 3D+, 3D- . . . . . . . . . . . .-2V to 5.5V
C0, C1 (Note 6) . . . . . . . . . . . . . . . . . . . . . -0.3V to 5.5V
Output Voltages
COM-, COM+ . . . . . . . . . . . . . . . . . . . . . . . . .-2V to 5.5V
Continuous Current (1D-, 1D+, 2D-, 2D+, 3D-, 3D+) . . ±40mA
Peak Current (1D-, 1D+, 2D-, 2D+, 3D-, 3D+)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . ±100mA
ESD Rating:
Human Body Model (Tested per JESD22-A114F) . . . . >5kV
Machine Model (Tested per JESD22-A115B). . . . . . . >400V
Charged Device Model (Tested per JESD22-C110D) . . >2kV
Latch-up (Tested per JESD-78B; Class 2, Level A) . . . at +85°C
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
12 Ld µTQFN Package (Notes 7, 10)
155
90
12 Ld TQFN Package (Notes 8, 9) .
58
1.0
Maximum Junction Temperature (Plastic Package) . . +150°C
Maximum Storage Temperature Range . . . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage Range . . . . . . . . . . . . . . . . . . . 2.7V to 4.6V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
6. Signals on C1 and C0 exceeding GND by specified amount are clamped. Limit current to maximum current ratings.
7. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
8. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379.
9. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
10. For θJC, the “case temp” location is taken at the package top center.
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VC0H, VC1H = 1.4V,
VC0L, VC1L= 0.5V, (Note 11), Unless Otherwise Specified. Boldface limits apply over the operating temperature range,
-40°C to +85°C.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes
12, 13) TYP
MAX
(Notes
12, 13) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
VDD = 2.7V to 4.6V
Full
-1
-
VDD
V
ON-Resistance, rON
VDD = 2.7V, ICOMx = 17mA, VD+ or VD- =0V to
400mV (see Figure 3, Note 15)
25
-
6
8
Ω
Full
-
-
10
Ω
rON Matching Between Channels,
ΔrON
VDD = 2.7V, ICOMx = 17mA, VD+ or VD- =Voltage at
max rON, (Notes 15, 16)
25
-
0.07
0.5
Ω
Full
-
-
0.55
Ω
rON Flatness, RFLAT(ON)
VDD = 2.7V, ICOMx = 17mA, VD+ or VD- =0V to
400mV, (Notes 14, 15)
25
-
0.32
0.8
Ω
Full
-
-
1.2
Ω
ON-Resistance, rON
VDD = 3.3V, ICOMx = 17mA, VD+ or VD- = 3.3V
(See Figure 3, Note 15)
+25
-
9.5
15
Ω
Full
-
-
20
Ω
OFF Leakage Current, IXD+(OFF)
or IXD-(OFF), ICOMX(OFF)
VDD = 4.6V, All OFF Mode (C0 = 0.5V, C1 = 0.5V),
VCOM- or VCOM+ = 0.3V, 3.3V, VXD+ or VXD- = 3.3V,
0.3V
25
-15
-
15
nA
Full
-20
-
20
nA
ON Leakage Current, IXD+(ON) or
IXD-(ON), ICOMX(ON)
VDD = 4.6V, VXD+ or VXD- = 0.3V, 3.3V, VCOM- or
VCOM+ = 0.3V, 3.3V
25
-20
-
20
nA
Full
-25
-
25
nA
DPDT DYNAMIC CHARACTERISTICS
All OFF to ON or ON to All OFF
Address Transition Time, tTRANS
VDD = 2.7V, RL = 50Ω, CL = 10pF, (see Figure 1)
25
-
125
-
ns
Data Channel to Data Channel
Address Transition Time, tTRANS
VDD = 2.7V, RL = 50Ω, CL = 10pF, (see Figure 1)
25
-
125
-
ns
Break-Before-Make Time Delay, tD VDD = 3.6V, RL = 50Ω, CL = 10pF, (see Figure 2)
25
-
30
-
ns
Skew, (tSKEWOUT - tSKEWIN)
VDD = 3.0V, RL = 45Ω, CL = 10pF, tR = tF = 500ps at
480Mbps, (Duty Cycle = 50%) (see Figure 6)
25
-
75
-
ps
ISL54216


Similar Part No. - ISL54216IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54216IRUZ-T RENESAS-ISL54216IRUZ-T Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
More results

Similar Description - ISL54216IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54216 RENESAS-ISL54216 Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Intersil Corporation
ISL54217 INTERSIL-ISL54217_09 Datasheet
1Mb / 21P
   USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54214IRUZ-T INTERSIL-ISL54214IRUZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
June 28, 2010
logo
Renesas Technology Corp
ISL54217 RENESAS-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
logo
Intersil Corporation
ISL54217IRUZ-T INTERSIL-ISL54217IRUZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
ISL54214 INTERSIL-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
ISL54217 INTERSIL-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54214 RENESAS-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com