Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28210FBBZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL28210FBBZ
Description  Precision Low Noise JFET Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28210FBBZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL28210FBBZ Datasheet HTML 7Page - Intersil Corporation ISL28210FBBZ Datasheet HTML 8Page - Intersil Corporation ISL28210FBBZ Datasheet HTML 9Page - Intersil Corporation ISL28210FBBZ Datasheet HTML 10Page - Intersil Corporation ISL28210FBBZ Datasheet HTML 11Page - Intersil Corporation ISL28210FBBZ Datasheet HTML 12Page - Intersil Corporation ISL28210FBBZ Datasheet HTML 13Page - Intersil Corporation ISL28210FBBZ Datasheet HTML 14Page - Intersil Corporation ISL28210FBBZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ISL28110, ISL28210
11
FN6639.0
September 13, 2010
FIGURE 21. OPEN LOOP GAIN-PHASE vs FREQUENCY
FIGURE 22. CLOSED LOOP GAIN vs FREQUENCY
FIGURE 23. POWER SUPPLY REJECTION RATIO (PSRR)
vs FREQUENCY
FIGURE 24. COMMON-MODE REJECTION RATIO (CMRR)
vs FREQUENCY
FIGURE 25. OUTPUT VOLTAGE (VOUT) vs OUTPUT
CURRENT (IOUT) vs TEMPERATURE,
VS = ±5V
FIGURE 26. OUTPUT VOLTAGE (VOUT) vs OUTPUT
CURRENT (IOUT) vs TEMPERATURE,
VS = ±15V
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, T = +25°C, unless otherwise
specified. (Continued)
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
0.1
1
10
100
1k
10k 100k 1M 10M 100M 1G
FREQUENCY (Hz)
VS = ±15V
RL=1MΩ
GAIN
PHASE
-10
0
10
20
30
40
50
60
70
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
ACL = 1
ACL = 10
ACL = 100
ACL = 1000
VS = ±5V & ±15V
CL = 4pF
VOUT = 100mVP-P
RL = OPEN
RF = 100kΩ, RG = 100Ω
RF = 100kΩ, RG = 1kΩ
RF = 100kΩ, RG = 10kΩ
RF = 0, RG = ∞
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
90
100
110
120
VS = ±15V
CL = 4pF
VCM = 1VP-P
RL = 10k
AV = 1
PSRR-
PSRR+
0.1
1
10
100
1k
10k 100k
1M
10M 100M
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
VS = ±15V
SIMULATION
0
1020
3040
50
6070
I-FORCE (mA)
1
2
3
4
5
-5
-4
-3
-2
-1
VS = ±5V
AV = 2
VIN = 2.5VP-P
RF = RG = 100k
0°C
-40°C
+25°C
+85°C
+125°C
10
11
12
13
14
15
-15
-14
-13
-12
-11
-10
0
10
20304050
6070
I-FORCE (mA)
VS = ±15V
AV = 2
VIN = 7.5VP-P
RF = RG = 100k
-40°C
125°C
85°C
25°C
0°C


Similar Part No. - ISL28210FBBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28210FBBZ INTERSIL-ISL28210FBBZ Datasheet
1Mb / 25P
   Precision Low Noise JFET Operational Amplifiers
More results

Similar Description - ISL28210FBBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28110 RENESAS-ISL28110 Datasheet
1Mb / 23P
   Precision Low Noise JFET Operational Amplifiers
logo
Intersil Corporation
ISL28110_1012 INTERSIL-ISL28110_1012 Datasheet
1Mb / 25P
   Precision Low Noise JFET Operational Amplifiers
ISL28110 INTERSIL-ISL28110_11 Datasheet
1Mb / 25P
   Precision Low Noise JFET Operational Amplifiers
ISL28110FBZ INTERSIL-ISL28110FBZ Datasheet
900Kb / 23P
   Precision Low Noise JFET Operational Amplifiers
November 29, 2012
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL071 TI-TL071_10 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL072CDT STMICROELECTRONICS-TL072CDT Datasheet
323Kb / 16P
   Low noise JFET dual operational amplifiers
logo
Texas Instruments
TL074CJ TI1-TL074CJ Datasheet
1Mb / 48P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_09 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com