Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA18211HDC2 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA18211HDC2
Description  DVB-T Silicon Tuner IC
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18211HDC2 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA18211HDC2 Datasheet HTML 6Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 7Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 8Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 9Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 10Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 11Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 12Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 13Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
TDA18211HD_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 June 2009
10 of 66
NXP Semiconductors
TDA18211HD
DVB-T Silicon Tuner IC
9.2 I2C-bus at power-on reset
Table 6.
I2C-bus at power-on reset[1]
Name
Byte
Subaddress
Bit
7
6
5
4
3
2
1
0
Address byte 1
-
-
1
1
0
0
0
MA[1]
MA[0]
X
Address byte 2
-
-
X
X
AD[5]
AD[4]
AD[3]
AD[2]
AD[1]
AD[0]
ID byte
ID
00h
1
0
0
0
0
1
0
0
Thermo byte
TM
01h
1
0
0
0
X
X
X
X
Power Level byte
PL
02h
X
X
X
X
X
X
X
X
Easy Prog byte 1
EP1
03h
X
1
0
0
0
1
1
0
Easy Prog byte 2
EP2
04h
1
1
0
1
1
1
1
1
Easy Prog byte 3
EP3
05h
1
0
0
1
0
0
1
0
Easy Prog byte 4
EP4
06h
0
1
1
0
0
0
0
0
Easy Prog byte 5
EP5
07h
0
0
1
1
0
0
0
0
Cal Post-Divider byte
CPD
08h
0
0
0
0
0
0
0
0
Cal Divider byte 1
CD1
09h
0
0
0
0
0
0
0
0
Cal Divider byte 2
CD2
0Ah
0
0
0
0
0
0
0
0
Cal Divider byte 3
CD3
0Bh
0
0
0
0
0
0
0
0
Main Post-Divider byte
MPD
0Ch
0
0
0
0
0
0
0
0
Main Divider byte 1
MD1
0Dh
0
0
0
0
0
0
0
0
Main Divider byte 2
MD2
0Eh
0
0
0
0
0
0
0
0
Main Divider byte 3
MD3
0Fh
0
0
0
0
0
0
0
0
Extended byte 1
EB1
10h
1
1
1
1
1
1
1
1
Extended byte 2
EB2
11h
0
0
0
0
0
0
0
1
Extended byte 3
EB3
12h
1
0
0
0
0
1
0
0
Extended byte 4
EB4
13h
0
1
0
0
0
0
0
1
Extended byte 5
EB5
14h
0
0
0
0
0
0
0
1
Extended byte 6
EB6
15h
1
0
0
0
0
1
0
0
Extended byte 7
EB7
16h
0
1
0
0
1
0
0
0
Extended byte 8
EB8
17h
0
1
1
1
X
1
0
1
Extended byte 9
EB9
18h
0
0
0
0
0
0
0
0
Extended byte 10
EB10
19h
X
X
X
X
X
X
X
X
Extended byte 11
EB11
1Ah
1
0
0
0
0
1
1
0
Extended byte 12
EB12
1Bh
0
0
0
0
0
1
1
1
Extended byte 13
EB13
1Ch
1
1
0
0
0
0
1
0
Extended byte 14
EB14
1Dh
0
0
0
0
0
0
0
0
Extended byte 15
EB15
1Eh
1
0
0
0
X
X
X
X
Extended byte 16
EB16
1Fh
0
0
0
X
X
X
0
0
Extended byte 17
EB17
20h
0
0
0
X
X
X
X
X
Extended byte 18
EB18
21h
0
0
0
0
0
0
0
0
Extended byte 19
EB19
22h
0
0
0
X
X
X
0
0
Extended byte 20
EB20
23h
1
0
0
X
X
X
X
X


Similar Part No. - TDA18211HDC2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA18212HN NXP-TDA18212HN Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18212HNC1 NXP-TDA18212HNC1 Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18212HNM NXP-TDA18212HNM Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18212HNS NXP-TDA18212HNS Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18214 NXP-TDA18214 Datasheet
226Kb / 8P
   Silicon tuner for digital terrestrial and cable TV reception
Rev. 1-13 July 2012
More results

Similar Description - TDA18211HDC2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA18218HN NXP-TDA18218HN Datasheet
138Kb / 25P
   DVB-T Silicon Tuner IC
Rev. 01-8 July 2009
logo
Analog Devices
ADMTV102 AD-ADMTV102 Datasheet
63Kb / 2P
   RF Tuner IC for DVB-H, DVB-T, DTMB, and CMMB
Rev. Sp0
logo
NXP Semiconductors
TDA18291HN NXP-TDA18291HN Datasheet
129Kb / 6P
   Low power DVB / T tuner
Rev. 01-28 August 2007
logo
STMicroelectronics
STB6000 STMICROELECTRONICS-STB6000 Datasheet
48Kb / 2P
   QPSK DVB/DIRECTVTM direct conversion tuner IC
logo
NXP Semiconductors
TDA18271HD NXP-TDA18271HD_09 Datasheet
334Kb / 70P
   Silicon Tuner IC
Rev. 04-19 May 2009
TDA18271HD NXP-TDA18271HD Datasheet
321Kb / 69P
   Silicon Tuner IC
Rev. 03-11 September 2008
logo
Infineon Technologies A...
TUA9001 INFINEON-TUA9001 Datasheet
186Kb / 2P
   RF Silicon Tuner for for DVB-H/T and CMMB (Direct Conversion Receiver)
logo
Maxim Integrated Produc...
MAX2165 MAXIM-MAX2165 Datasheet
241Kb / 24P
   Single-Conversion DVB-H Tuner
Rev 1; 3/09
logo
Sony Corporation
CXD1968AR SONY-CXD1968AR Datasheet
752Kb / 97P
   DVB-T Demodulator
logo
Intel Corporation
HGCE5038882068 INTEL-HGCE5038882068 Datasheet
736Kb / 41P
   DVB-S2 Advanced Modulation Satellite Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com