Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9881HN Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9881HN
Description  Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9881HN Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9881HN Datasheet HTML 1Page - NXP Semiconductors TDA9881HN Datasheet HTML 2Page - NXP Semiconductors TDA9881HN Datasheet HTML 3Page - NXP Semiconductors TDA9881HN Datasheet HTML 4Page - NXP Semiconductors TDA9881HN Datasheet HTML 5Page - NXP Semiconductors TDA9881HN Datasheet HTML 6Page - NXP Semiconductors TDA9881HN Datasheet HTML 7Page - NXP Semiconductors TDA9881HN Datasheet HTML 8Page - NXP Semiconductors TDA9881HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
9397 750 13417
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 16 November 2004
2 of 42
Philips Semiconductors
TDA9881
Alignment-free vision and FM sound IF PLL demodulator
4.
Quick reference data
Table 1:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VP
supply voltage
[1] [2] 4.5
5.0
5.5
V
IP
supply current
52
63
70
mA
Video part
Vi(VIF)(rms)
VIF input voltage sensitivity
(RMS value)
−1 dB video at output
-
60
100
µV
GVIF(cr)
VIF gain control range
see Figure 6
60
66
-
dB
fVIF
vision carrier operating
frequencies
see Table 4
-
38.0
-
MHz
-
38.9
-
MHz
-
45.75
-
MHz
-
58.75
-
MHz
∆fVIF
VIF frequency window of digital
acquisition help
related to fVIF;
see Figure 9
-
±2.3
-
MHz
Vo(video)(p-p)
video signal output voltage
(peak-to-peak value)
see Figure 4
1.7
2.0
2.3
V
Gdif
differential gain
“CCIR 330”; B/G standard
[3] --5
%
ϕdif
differential phase
“CCIR 330”
-
2
4
deg
Bvideo(−3dB)(trap) −3 dB video bandwidth
including sound carrier trap
ftrap = 4.5 MHz
[4] 3.95
4.05
-
MHz
ftrap = 5.5 MHz
[4] 4.90
5.00
-
MHz
ftrap = 6.0 MHz
[4] 5.40
5.50
-
MHz
ftrap = 6.5 MHz
[4] 5.50
5.95
-
MHz
αSC1
trap attenuation at first sound
carrier
M/N standard
26
36
-
dB
B/G standard
26
36
-
dB
S/NW(video)
weighted signal-to-noise ratio
of video signal
weighted in accordance
with “
CCIR 567”;
see Figure 10
[5] 55
--dB
PSRRCVBS
power supply ripple rejection at
pin CVBS
fripple =70Hz;
see Figure 5
[6] 20
25
-
dB
AFCstps
AFC control steepness
definition:
∆IAFC/∆fVIF
0.85
1.05
1.25
µA/kHz
Audio part
Vo(AF)(rms)
AF output voltage (RMS value) 27 kHz FM deviation;
50
µs de-emphasis
430
540
650
mV
THD
total harmonic distortion of
audio signal
FM: 27 kHz FM deviation;
50
µs de-emphasis
-
0.15
0.50
%
BAF(−3dB)
−3 dB AF bandwidth
without de-emphasis;
dependent on FM PLL
filter
80
100
-
kHz
S/NW(AF)
weighted signal-to-noise ratio
of audio signal
FM: 27 kHz FM deviation;
50
µs de-emphasis; vision
carrier unmodulated
52
56
-
dB
α
AM(sup)
AM suppression of
FM demodulator
50
µs de-emphasis;
AM: f = 1 kHz and
m = 54 %; referenced to
27 kHz FM deviation
40
46
-
dB


Similar Part No. - TDA9881HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9880T PHILIPS-TDA9880T Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9882HN NXP-TDA9882HN Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9882TS NXP-TDA9882TS Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
More results

Similar Description - TDA9881HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
logo
TEMIC Semiconductors
U828B TEMIC-U828B Datasheet
84Kb / 5P
   FM IF AMPLIFIER AND DEMODULATOR FOR TV SOUND APPLICATION
logo
NXP Semiconductors
TDA9887 PHILIPS-TDA9887 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9887TS NXP-TDA9887TS Datasheet
232Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
logo
TEMIC Semiconductors
U2861B TEMIC-U2861B Datasheet
263Kb / 11P
   Mono FM Sound Demodulator for TV Systems
logo
Siemens Semiconductor G...
TDA5950X SIEMENS-TDA5950X Datasheet
450Kb / 11P
   Video and Sound IF with FM-PLL Demodulator, AFC and V & S SCART
logo
TEMIC Semiconductors
U2860BB TEMIC-U2860BB Datasheet
417Kb / 11P
   Dual-Channel FM Sound Demodulator for TV Systems
logo
ATMEL Corporation
U2860B-M ATMEL-U2860B-M Datasheet
336Kb / 14P
   Dual-Channel FM Sound Demodulator for TV Systems
logo
STMicroelectronics
TDA8192 STMICROELECTRONICS-TDA8192 Datasheet
44Kb / 5P
   MULTISTANDARD AM AND FM SOUND IF CIRCUIT FOR TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com