Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8263HN Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8263HN
Description  Fully integrated satellite tuner
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8263HN Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8263HN Datasheet HTML 5Page - NXP Semiconductors TDA8263HN Datasheet HTML 6Page - NXP Semiconductors TDA8263HN Datasheet HTML 7Page - NXP Semiconductors TDA8263HN Datasheet HTML 8Page - NXP Semiconductors TDA8263HN Datasheet HTML 9Page - NXP Semiconductors TDA8263HN Datasheet HTML 10Page - NXP Semiconductors TDA8263HN Datasheet HTML 11Page - NXP Semiconductors TDA8263HN Datasheet HTML 12Page - NXP Semiconductors TDA8263HN Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9397 750 13193
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 14 December 2004
9 of 28
Philips Semiconductors
TDA8263HN
Fully integrated satellite tuner
11.6 I2C-bus table in write mode (default at POR)
[1]
X means don’t care.
11.7 Bit description I2C-bus write mode
Table 8:
I2C-bus write mode map (default at POR) [1]
Subaddress
(hex)
MSB
LSB
7
6
5
4
3
2
1
0
0X
-
-
-0
1-
-1
1X
00100000
2X
00000001
3X
00000001
4X
00000
-
-
-
5X
0000
-
-
-
0
6X
0
0
X
X
0
X
0
-
7X
100
-
-
-
00
8X
0-
-0
0
0
0-
9X
0000
-
-
-
-
Table 9:
Power-down section; bits PDXTOUT, PDRSSI and TEST1
Bit
Description
State
PDXTOUT
power-down of the XTOUT output
0 = function on; 1 = function off
PDRSSI
power-down of the input level detector
0 = function on; 1 = function off
TEST1
used for test purposes only
must be logic 1
Table 10:
Reference divider range; bits R[2:0]
These bits select the ratio between the comparison frequency and the crystal frequency.
R2
R1
R0
Decimal
Comparison frequency
0
0
0
0
2 MHz
0
0
1
1
1 MHz
0
1
0
2
500 kHz
0
1
1
3
250 kHz
1
0
0
4
125 kHz
1
0
1
5
125 kHz
1
1
0
6
125 kHz
1
1
1
7
125 kHz
Table 11:
VCO preprogramming range; bits D[4:0]
These bits are also called Dword: It determines the ratio between LO frequency and VCO frequency.
The bits are used for the calibration protocol of the internal VCO.
D4
D3
D2
D1
D0
Decimal
Ratio fLO to fVCO
00000
0
0.27
00001
1
0.29
00010
2
0.31
00011
3
0.33


Similar Part No. - TDA8263HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8260 PHILIPS-TDA8260 Datasheet
143Kb / 23P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Sep 03
TDA8260TW PHILIPS-TDA8260TW Datasheet
143Kb / 23P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Sep 03
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
TDA8262HN NXP-TDA8262HN Datasheet
166Kb / 30P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
More results

Similar Description - TDA8263HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8262HN NXP-TDA8262HN Datasheet
166Kb / 30P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
CX24113A-12Z NXP-CX24113A-12Z Datasheet
671Kb / 2P
   Highly integrated, worldwide satellite silicon tuner
2008
logo
Sharp Corporation
BSFH77G15 SHARP-BSFH77G15 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G34 SHARP-BSFH77G34 Datasheet
54Kb / 2P
   Satellite Tuner
BSFJ77G19 SHARP-BSFJ77G19 Datasheet
57Kb / 2P
   Satellite Tuner
BSFH77G10 SHARP-BSFH77G10 Datasheet
53Kb / 2P
   Satellite Tuner
BSFJ77G10 SHARP-BSFJ77G10 Datasheet
57Kb / 2P
   Satellite Tuner
BSFH77G04 SHARP-BSFH77G04 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G06 SHARP-BSFH77G06 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G25 SHARP-BSFH77G25 Datasheet
54Kb / 2P
   Satellite Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com