Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8262HN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8262HN
Description  Fully integrated satellite tuner
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8262HN Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8262HN Datasheet HTML 1Page - NXP Semiconductors TDA8262HN Datasheet HTML 2Page - NXP Semiconductors TDA8262HN Datasheet HTML 3Page - NXP Semiconductors TDA8262HN Datasheet HTML 4Page - NXP Semiconductors TDA8262HN Datasheet HTML 5Page - NXP Semiconductors TDA8262HN Datasheet HTML 6Page - NXP Semiconductors TDA8262HN Datasheet HTML 7Page - NXP Semiconductors TDA8262HN Datasheet HTML 8Page - NXP Semiconductors TDA8262HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
9397 750 13194
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 14 December 2004
5 of 30
Philips Semiconductors
TDA8262HN
Fully integrated satellite tuner
8.
Pinning information
8.1 Pinning
8.2 Pin description
Fig 2.
Pin configuration
001aab001
TDA8262HN
Transparent top view
AS
VCC(RF)
PORT0
CAPVCO
RFOUT
VCC(VCO)
GND(RF)
VT
VCC(LT)
GND(VCO)
RFIN
CP
GND(LT)
VCC(PLL)
GND(DIE)
GND(PLL)
8
17
7
18
6
19
5
20
4
21
3
22
2
23
1
24
terminal 1
index area
Table 3:
Pin description
Symbol
Pin
Description
GND(DIE)
1
isolation ground
GND(LT)
2
LNA and loop-through ground
RFIN
3
RF input
VCC(LT)
4
LNA and loop-through supply voltage
GND(RF)
5
RF ground
RFOUT
6
RF output
VCC(RF)
7
RF supply voltage
PORT0
8
pull-down port 0
AGC
9
automatic gain control input
VCC(BB)
10
baseband supply voltage
QP
11
Q positive output
QN
12
Q negative output
IN
13
I negative output
IP
14
I positive output
GND(BB)
15
baseband ground
MS
16
master/slave crystal oscillator mode input
AS
17
address select input
CAPVCO
18
internal LC VCO regulation capacitor


Similar Part No. - TDA8262HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8260 PHILIPS-TDA8260 Datasheet
143Kb / 23P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Sep 03
TDA8260TW PHILIPS-TDA8260TW Datasheet
143Kb / 23P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Sep 03
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
TDA8263HN NXP-TDA8263HN Datasheet
159Kb / 28P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
More results

Similar Description - TDA8262HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8263HN NXP-TDA8263HN Datasheet
159Kb / 28P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
CX24113A-12Z NXP-CX24113A-12Z Datasheet
671Kb / 2P
   Highly integrated, worldwide satellite silicon tuner
2008
logo
Sharp Corporation
BSFH77G15 SHARP-BSFH77G15 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G34 SHARP-BSFH77G34 Datasheet
54Kb / 2P
   Satellite Tuner
BSFJ77G19 SHARP-BSFJ77G19 Datasheet
57Kb / 2P
   Satellite Tuner
BSFH77G10 SHARP-BSFH77G10 Datasheet
53Kb / 2P
   Satellite Tuner
BSFJ77G10 SHARP-BSFJ77G10 Datasheet
57Kb / 2P
   Satellite Tuner
BSFH77G04 SHARP-BSFH77G04 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G06 SHARP-BSFH77G06 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G25 SHARP-BSFH77G25 Datasheet
54Kb / 2P
   Satellite Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com