Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8023TT Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8023TT
Description  Low power IC card interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8023TT Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8023TT Datasheet HTML 7Page - NXP Semiconductors TDA8023TT Datasheet HTML 8Page - NXP Semiconductors TDA8023TT Datasheet HTML 9Page - NXP Semiconductors TDA8023TT Datasheet HTML 10Page - NXP Semiconductors TDA8023TT Datasheet HTML 11Page - NXP Semiconductors TDA8023TT Datasheet HTML 12Page - NXP Semiconductors TDA8023TT Datasheet HTML 13Page - NXP Semiconductors TDA8023TT Datasheet HTML 14Page - NXP Semiconductors TDA8023TT Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
TDA8023_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 16 July 2007
11 of 32
NXP Semiconductors
TDA8023
Low power IC card interface
[1]
Synchronous or asynchronous cards management are defined when bit START is set: the TDA8023 will be
in asynchronous cards management when bit RSTIN = 1 when bit START is set to logic 1.
3
PDWN
1: applies on pin CLK the frequency that is defined by bits CLKPD[2:1]
and reduces power consumption (in Synchronous mode); this bit can not
change if bit START is logic 1
2
5V/3VN
1: VCC = 5 V
0: VCC = 3 V
this bit can not change if bit START is logic 1
1
WARM
1: initiates a warm reset procedure
this bit will be automatically reset by hardware when bit MUTE is set to
logic 1
0
START
1: initiates an activation sequence and a cold reset procedure (only if bit
SUPL = 0 and the bit PRES = 1)
0: initiates a deactivation sequence
Table 9.
R1_00 - Register 1 subaddress 00 in Read/Write mode bit description
Bit
Symbol
Description
7
TEST
1: the circuit is in Test mode
0: the circuit is in Operational mode
6
RSTIN[1]
defines the voltage on pin RST:
1: VCC
0: 0 V
5
C8
defines the voltage on pin C8:
1: VCC
0: 0 V
4
C4
defines the voltage on pin C4:
1: VCC
0: 0 V
3 and 2
CLKPD[2:1]
clock pulse definition:
00: CLK stop LOW
01: CLK stop HIGH
10: frequency on pin CLK: fCLK = fosc(int) / 2
11: no change
in Synchronous mode bit CLKPD2 is always logic 0 by hardware and bit
CLKPD1 controls the voltage on pin CLK:
1: VCC
0: 0 V
1 and 0
CLKDIV[2:1]
clock divider:
00: fCLK = fCLKIN
01: fCLK = fCLKIN / 2
10: fCLK = fCLKIN / 4
11: fCLK = fCLKIN / 5
in Synchronous mode, bits CLKDIV[2:1] are always 00 by hardware
Table 8.
Command - Register 0 in Write mode bit description …continued
Bit
Symbol
Description


Similar Part No. - TDA8023TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8020 PHILIPS-TDA8020 Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
TDA8020HL PHILIPS-TDA8020HL Datasheet
143Kb / 28P
   Dual IC card interface
2003 Nov 06
TDA8020HLC1 PHILIPS-TDA8020HLC1 Datasheet
143Kb / 28P
   Dual IC card interface
2003 Nov 06
TDA8020HLC2 PHILIPS-TDA8020HLC2 Datasheet
143Kb / 28P
   Dual IC card interface
2003 Nov 06
More results

Similar Description - TDA8023TT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN8026A ONSEMI-NCN8026A Datasheet
166Kb / 14P
   Compact Low Power Smart Card Interface IC
January, 2013 ??Rev. 2
NCN8026A ONSEMI-NCN8026A_16 Datasheet
125Kb / 15P
   Compact Low Power Smart Card Interface IC
May, 2016 ??Rev. 7
logo
NXP Semiconductors
TDA8002 PHILIPS-TDA8002 Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
TDA8002C PHILIPS-TDA8002C Datasheet
139Kb / 28P
   IC card interface
1999 Oct 12
TDA8025 PHILIPS-TDA8025 Datasheet
178Kb / 38P
   IC card interface
Rev. 01-6 April 2009
TDA8024 NXP-TDA8024 Datasheet
181Kb / 29P
   IC card interface
2004 July 12
logo
ARTSCHIP ELECTRONICS CO...
TDA8024 ARTSCHIP-TDA8024 Datasheet
3Mb / 25P
   IC card interface
logo
NXP Semiconductors
TDA8024 PHILIPS-TDA8024 Datasheet
172Kb / 29P
   IC card interface
2004 July 12
TDA8004T PHILIPS-TDA8004T Datasheet
109Kb / 24P
   IC card interface
1999 Dec 30
TDA8004AT PHILIPS-TDA8004AT Datasheet
132Kb / 22P
   IC card interface
2004 May 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com