Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFA9843BJ Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TFA9843BJ
Description  2-channel audio amplifier (SE: 1 W to 20 W)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TFA9843BJ Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TFA9843BJ Datasheet HTML 5Page - NXP Semiconductors TFA9843BJ Datasheet HTML 6Page - NXP Semiconductors TFA9843BJ Datasheet HTML 7Page - NXP Semiconductors TFA9843BJ Datasheet HTML 8Page - NXP Semiconductors TFA9843BJ Datasheet HTML 9Page - NXP Semiconductors TFA9843BJ Datasheet HTML 10Page - NXP Semiconductors TFA9843BJ Datasheet HTML 11Page - NXP Semiconductors TFA9843BJ Datasheet HTML 12Page - NXP Semiconductors TFA9843BJ Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9397 750 12846
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data sheet
Rev. 01 — 4 May 2004
9 of 17
Philips Semiconductors
TFA9843BJ
2-channel audio amplifier (2
× SE)
THD = 10 %; RL =4 Ω; f = 1 kHz.
VCC = 18 V; RL =4 Ω.
Fig 8.
Output power as function of supply voltage.
Fig 9.
Total (worst-case, both channels driven) power
dissipation as function of channel output power
per channel.
VCC = 18 V; RL =4 Ω.VCC =18V; Rsource =0 Ω;Vripple = 300 mV (RMS); a
bandpass filter of 20 Hz to 22 kHz has been applied;
inputs short-circuited.
Fig 10. Channel separation as function of frequency
(no bandpass filter applied).
Fig 11. Supply voltage ripple rejection as function of
frequency.
828
50
0
10
20
30
40
12
Po
(W)
16
20
24
VCC (V)
001aaa421
020
Po (W)
10
0
2
4
6
8
4
PD
(W)
812
16
001aaa422
−100
0
−80
−60
−40
−20
001aaa423
10
αcs
(dB)
f (Hz)
102
103
104
105
0
−80
−60
−40
−20
001aaa424
10
SVRR
(dB)
f (Hz)
102
103
104
105


Similar Part No. - TFA9843BJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9843AJ NXP-TFA9843AJ Datasheet
130Kb / 19P
   20 W stereo power amplifier with volume control
Rev. 01-28 April 2006
TFA9843J PHILIPS-TFA9843J Datasheet
142Kb / 21P
   2-channel audio amplifier (SE: 1 W to 20 W or BTL: 4 W to 40 W)
Rev. 02-19 January 2004
More results

Similar Description - TFA9843BJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9842BJ NXP-TFA9842BJ Datasheet
121Kb / 17P
   2-channel audio amplifier (SE: 1 W to 7.5 W)
Rev. 01-1 March 2004
TFA9843J PHILIPS-TFA9843J Datasheet
142Kb / 21P
   2-channel audio amplifier (SE: 1 W to 20 W or BTL: 4 W to 40 W)
Rev. 02-19 January 2004
TFA9842J PHILIPS-TFA9842J Datasheet
143Kb / 21P
   2-channel audio amplifier; SE: 1 W to 7.5 W; BTL: 2 W to 15 W
Rev. 01-26 April 2004
TDA8947J PHILIPS-TDA8947J Datasheet
200Kb / 24P
   4-channel audio amplifier (SE: 1 W to 25 W; BTL: 4 W to 50 W)
Rev. 01-06 February 2004
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
logo
NEC
UPC1188H NEC-UPC1188H Datasheet
188Kb / 3P
   20 W AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
STK402-030 SANYO-STK402-030 Datasheet
62Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 20 W 20 W
logo
NXP Semiconductors
TDA1015 PHILIPS-TDA1015 Datasheet
253Kb / 13P
   1 to 4 W audio power amplifier
November 1982
TDA1011 PHILIPS-TDA1011 Datasheet
304Kb / 14P
   2 to 6 W audio power amplifier
November 1982
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com