Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFA9842AJ Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TFA9842AJ
Description  7.5 W stereo power amplifier with volume control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TFA9842AJ Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TFA9842AJ Datasheet HTML 7Page - NXP Semiconductors TFA9842AJ Datasheet HTML 8Page - NXP Semiconductors TFA9842AJ Datasheet HTML 9Page - NXP Semiconductors TFA9842AJ Datasheet HTML 10Page - NXP Semiconductors TFA9842AJ Datasheet HTML 11Page - NXP Semiconductors TFA9842AJ Datasheet HTML 12Page - NXP Semiconductors TFA9842AJ Datasheet HTML 13Page - NXP Semiconductors TFA9842AJ Datasheet HTML 14Page - NXP Semiconductors TFA9842AJ Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TFA9842AJ_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary specification
Rev. 01 — 28 April 2006
11 of 18
Philips Semiconductors
TFA9842AJ
7.5 W stereo power amplifier with volume control
13.1.2 Volume control drive options
13.2 Printed-circuit board
13.2.1 Layout and grounding
To obtain a high-level system performance, certain grounding techniques are essential.
The input reference grounds have to be tied with their respective source grounds and
must have separate tracks from the power ground tracks; this will prevent the large output
signal currents from interfering with the small AC input signals. The small-signal ground
tracks should be physically located as far as possible from the power ground tracks.
Supply and output tracks should be as wide as possible for delivering maximum output
power.
Fig 12. Volume control drive circuit with 3.3 V PWM
Fig 13. Volume control drive circuit with 5 V
PWM
Fig 14. Volume control drive circuit with
potentiometer
001aae337
1 k
R5
1 k
R4
R2
1 k
R1
10 k
D1
5.6 V
R3
1 k
T3
T1
T2
C1
10
µF
PWM
3.3 V
VC
VCC
GND
5 V
001aae338
1 k
R4
C1
10
µF
PWM
5 V
VC
001aae339
16 k
R5
R6
16 k
R1
10 k
D1
10 V
T1
C1
10
µF
VC
VCC


Similar Part No. - TFA9842AJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9842BJ NXP-TFA9842BJ Datasheet
121Kb / 17P
   2-channel audio amplifier (SE: 1 W to 7.5 W)
Rev. 01-1 March 2004
TFA9842J PHILIPS-TFA9842J Datasheet
143Kb / 21P
   2-channel audio amplifier; SE: 1 W to 7.5 W; BTL: 2 W to 15 W
Rev. 01-26 April 2004
More results

Similar Description - TFA9842AJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9843AJ NXP-TFA9843AJ Datasheet
130Kb / 19P
   20 W stereo power amplifier with volume control
Rev. 01-28 April 2006
logo
Texas Instruments
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com