Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF7.0A Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # SMF7.0A
Description  ZENER OVERVOLTAGE TRANSIENT SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SMF7.0A Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  SMF7.0A Datasheet HTML 1Page - EIC discrete Semiconductors SMF7.0A Datasheet HTML 2Page - EIC discrete Semiconductors SMF7.0A Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FIG.1 - PULSE DERATING CURVE
FIG.2 - 10 x 1000 μs PULSE WAVEFORM
0
255075
100
125
150
Ta, AMBIENT TEMPERATURE, (
°C)
t, TIME (ms)
FIG.3 - STEADY STATE POWER DERATING
FIG.4 - PULSE RATING CURVE
FIG.5 - 8 x 20 μs PULSE WAVEFORM
FIG. 6 - CAPACITANCE VS. WORKING PEAK
REVERSE VOLTAGE
0
20
40
60
80
Page 3 of 3
Rev. 02 : January 12, 2009
RATING AND CHARACTERISTIC CURVES ( SMF5.0A - SMF170A )
1000
100
10
1
1
10
100
200
WORKING PEAK REVERSE VOLTAGE (V)
80
60
40
20
120
4.0
10000
1000
0
0
50
1.0
3.0
0
10
2.0
100
tp, PULSE WIDTH
100
100
2
4
0
1
3
125
150
25
50
75
100
175
0.1
μs1.0μs10μs
100
μs10ms
1.0ms
TL, LEAD TEMPERATURE (
°C)
50
100
0
tr
Peak Value IRSM @ 8 μs
Pulse Width (tp) is defined
as that point where the peak
current decays = 8 μs
tp
Half Value IRSM/ 2 @ 20 μs
t, TIME (μs)
Measured @ 50 %VRWM
Measured @ Zero Bias
Peak Value - IRSM
tr
Pulse Width (tp) is defined
as that point where the peak
current decays to 50% of IRSM
Half Value - IRSM
2
tp
tr ≤ 10 μs
Ta = 25 °C
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


Similar Part No. - SMF7.0A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMF7.0A VISHAY-SMF7.0A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
Anova Technologies CO.,...
SMF7.0A ANOVA-SMF7.0A Datasheet
351Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SMF7.0A LUGUANG-SMF7.0A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Socay Electornics Co., ...
SMF7.0A SOCAY-SMF7.0A Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
DONGGUAN YOU FENG WEI E...
SMF7.0A YFWDIODE-SMF7.0A Datasheet
88Kb / 4P
   Surface mounttransient voltage suppressor power 400 watts
More results

Similar Description - SMF7.0A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TRA2532 ONSEMI-TRA2532 Datasheet
61Kb / 8P
   Overvoltage Transient Suppressor
October, 2000 ??Rev. 1
MR2520L ONSEMI-MR2520L_06 Datasheet
71Kb / 6P
   Overvoltage Transient Suppressor
June, 2006 ??Rev. 3
MR2520L ONSEMI-MR2520L Datasheet
67Kb / 8P
   Overvoltage Transient Suppressor
December, 2002 - Rev. 1
logo
Motorola, Inc
MR2835S MOTOROLA-MR2835S Datasheet
111Kb / 4P
   OVERVOLTAGE TRANSIENT SUPPRESSOR
logo
ON Semiconductor
MR2835SK ONSEMI-MR2835SK Datasheet
74Kb / 5P
   Overvoltage Transient Suppressor
July, 2006 ??Rev. 4
logo
EIC discrete Semiconduc...
MR2520L EIC-MR2520L Datasheet
101Kb / 1P
   OVERVOLTAGE TRANSIENT SUPPRESSOR
Rev.01:September 21, 2006
logo
Motorola, Inc
1SMB5.0 MOTOROLA-1SMB5.0 Datasheet
230Kb / 4P
   Zener Overvoltage Transient Suppressors
1SMC5.0 MOTOROLA-1SMC5.0 Datasheet
212Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
P6SMB6.8A MOTOROLA-P6SMB6.8A Datasheet
240Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
SA170A MOTOROLA-SA170A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com